Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M30620FCAFP Datasheet HTML 1Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 2Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 3Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 4Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 5Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 6Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 7Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 8Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 615 page
background image
How to Use This Manual
This user's manual is written for the M16C/62A group.
The reader of this manual is expected to have the basic knowledge of electric and logic
circuits and microcomputers.
This manual explains a function of the following kind.
• M30620M8A-XXXFP/GP
• M30620MAA-XXXFP/GP
• M30620MCA-XXXFP/GP
• M30622M4A-XXXFP/GP
• M30622M8A-XXXFP/GP
• M30622MAA-XXXFP/GP
• M30622MCA-XXXFP/GP
• M30624MGA-XXXFP/GP
• M30620SAFP/GP
• M30622SAFP/GP
• M30620FCAFP/GP
• M30624FGAFP/GP
• M30620MCM-XXXFP/GP
• M30624MGM-XXXFP/GP
• M30620FCMFP/GP
• M30624FGMFP/GP
These products have similar features except for the memories, which differ from one product to
another. This manual gives descriptions of M30622MCA-XXXFP. An electric characteristic refer
to data sheet responded to. Memories built-in are as shown below. Be careful when writing a
program, as the memories have different capacities.
ROM Size
(Byte)
External
ROM
128K
96K
64K
32K
M30620M8A-XXXFP/GP
M30622M8A-XXXFP/GP
M30620MAA-XXXFP/GP
M30622MAA-XXXFP/GP
M30620MCA-XXXFP/GP
M30622MCA-XXXFP/GP
Mask ROM version
Flash memory version
M30624FGAFP/GP
256K
M30624MGA-XXXFP/GP
M30622M4A-XXXFP/GP
External ROM version
M30620SAFP/GP
M30622SAFP/GP
M30620FCAFP/GP
ROM Size
(Byte)
External
ROM
128K
96K
64K
32K
M30624MGM-XXXFP/GP
Mask ROM version
Flash memory version
M30620FCMFP/GP
256K
M30620MCM-XXXFP/GP
M30624FGMFP/GP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com