Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 22Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 23Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 24Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 25Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 26Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 27Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 28Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 29Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
1-7
Mitsubishi plans to release the following products in the M16C/62A group:
(1) Support for mask ROM version, external ROM version, and flash memory version
(2) ROM capacity
(3) Package
100P6S-A
: Plastic molded QFP (mask ROM, and flash memory versions)
100P6Q-A
: Plastic molded QFP(mask ROM, and flash memory versions)
The M16C/62A group products currently supported are listed in Table 1.1.2.
Table 1.1.2. M16C/62A group
ROM Size
(Byte)
External
ROM
128K
96K
64K
32K
M30620M8A-XXXFP/GP
M30622M8A-XXXFP/GP
M30620MAA-XXXFP/GP
M30622MAA-XXXFP/GP
M30620MCA-XXXFP/GP
M30622MCA-XXXFP/GP
Mask ROM version
Flash memory version
M30624FGAFP/GP
256K
M30624MGA-XXXFP/GP
M30622M4A-XXXFP/GP
External ROM version
M30620SAFP/GP
M30622SAFP/GP
M30620FCAFP/GP
RAM capacity
ROM capacity
Package type
Remarks
Type No.
June, 2001
M30622M4A-XXXFP
3K byte
100P6S-A
M30622M4A-XXXGP
100P6Q-A
M30620M8A-XXXFP
64K byte
10K byte
100P6S-A
Mask ROM version
M30620M8A-XXXGP
100P6Q-A
M30622M8A-XXXFP
4K byte
100P6S-A
M30622M8A-XXXGP
100P6Q-A
M30620MAA-XXXFP
10K byte
100P6S-A
3K byte
M30622SAFP
External ROM
version
M30622SAGP
100P6Q-A
100P6S-A
10K byte
M30620MCA-XXXGP
M30620MCA-XXXFP
M30622MCA-XXXFP
M30622MCA-XXXGP
5K byte
128K byte
100P6S-A
100P6Q-A
100P6S-A
100P6Q-A
100P6S-A
M30620SAFP
10K byte
100P6Q-A
M30620SAGP
M30620MAA-XXXGP
96K byte
100P6Q-A
M30622MAA-XXXFP
5K byte
100P6S-A
M30622MAA-XXXGP
100P6Q-A
M30624MGA-XXXFP
20K byte
100P6S-A
M30624MGA-XXXGP
100P6Q-A
256K byte
M30624FGAFP
M30624FGAGP
20K byte
256K byte
Flash memory
5V version
100P6S-A
100P6Q-A
32K byte
**: Under development
**
M30620FCAFP
M30620FCAGP
10K byte
128K byte
100P6S-A
100P6Q-A
Figure 1.1.4. ROM expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com