Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 42Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 43Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 44Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 45Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 46Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 47Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 48Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 49Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Settings
1-27
P56
I/O port
ALE
ALE
ALE
ALE
ALE
P57
I/O port
RDY
RDY
RDY
RDY
RDY
P00 to P07
I/O port
Data bus
Data bus
Data bus
Data bus
I/O port
Either CS1 or CS2 is for
multiplexed bus and others
are for separate bus
(separate bus)
multiplexed
bus for the
entire
space
Single-chip
mode
Memory expansion mode/microprocessor modes
Memory
expansion mode
Data bus width
BYTE pin level
Port P40 to P43
function select bit = 0
“01”, “10”
“00”
“11” (Note 1)
8 bit
“H”
8 bits
“H”
16 bits
“L”
8 bits
“H”
16 bits
“L”
Note 1: If the entire space is of multiplexed bus in memory expansion mode, choose an 8-bit width.
The processor operates using the separate bus after reset is revoked, so the entire space multiplexed bus cannot be
chosen in microprocessor mode.
P31 to P37 become a port if the entire space multiplexed bus is chosen, so only 256 bytes can be used
in each chip select.
Note 2: Address bus when in separate bus mode.
Processor mode
Multiplexed bus
space select bit
CS (chip select) or programmable I/O port
(For details, refer to “Bus control”)
Outputs RD, WRL, WRH, and BCLK or RD, BHE, WR, and BCLK
(For details, refer to “Bus control”)
Port P40 to P43
function select bit = 1
P10 to P17
I/O port
I/O port
Data bus
I/O port
Data bus
I/O port
P21 to P27
I/O port
Address bus
Address bus
Address bus
Address bus
Address bus
/data bus(Note 2)
/data bus(Note 2)
/data bus
P20
I/O port
Address bus
Address bus
Address bus
Address bus
Address bus
/data bus(Note 2)
/data bus
P30
I/O port
Address bus
Address bus
Address bus
Address bus
A8/D7
/data bus(Note 2)
P31 to P37
I/O port
Address bus
Address bus
Address bus
Address bus
I/O port
P40 to P43
I/O port
I/O port
I/O port
I/O port
I/O port
I/O port
P40 to P43
I/O port
Address bus
Address bus
Address bus
Address bus
I/O port
P44 to P47
I/O port
P50 to P53
I/O port
P54
I/O port
HLDA
HLDA
HLDA
HLDA
HLDA
P55
I/O port
HOLD
HOLD
HOLD
HOLD
HOLD
Table 1.8.2. Pin functions for each processor mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com