Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 81Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 82Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 83Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 84Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 85Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 86Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 87Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 88Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Watchdog Timer
1-66
Watchdog Timer
The watchdog timer has the function of detecting when the program is out of control. Therefore, we recom-
mend using the watchdog timer to improve reliability of a system. The watchdog timer is a 15-bit counter
which down-counts the clock derived by dividing the BCLK using the prescaler. A watchdog timer interrupt
is generated when an underflow occurs in the watchdog timer. When XIN is selected for the BCLK
, bit 7 of
the watchdog timer control register (address 000F16) selects the prescaler division ratio (by 16 or by 128).
When XCIN is selected as the BCLK, the prescaler is set for division by 2 regardless of bit 7 of the watchdog
timer control register (address 000F16). Thus the watchdog timer's period can be calculated as given
below. The watchdog timer's period is, however, subject to an error due to the prescaler.
BCLK
Write to the watchdog timer
start register
(address 000E16)
RESET
Watchdog timer
interrupt request
Watchdog timer
Set to
“7FFF16”
1/128
1/16
“CM07 = 0”
“WDC7 = 1”
“CM07 = 0”
“WDC7 = 0”
“CM07 = 1”
HOLD
1/2
Prescaler
For example, suppose that BCLK runs at 16 MHz and that 16 has been chosen for the dividing ratio of the
prescaler, then the watchdog timer's period becomes approximately 32.8 ms.
The watchdog timer is initialized by writing to the watchdog timer start register (address 000E16) and when
a watchdog timer interrupt request is generated. The prescaler is initialized only when the microcomputer is
reset. After a reset is cancelled, the watchdog timer and prescaler are both stopped. The count is started by
writing to the watchdog timer start register (address 000E16). In stop mode, wait mode and hold state, the
watchdog timer and prescaler are stopped. Counting is resumed from the held value when the modes or
state are released.
Figure 1.12.1 shows the block diagram of the watchdog timer. Figure 1.12.2 shows the watchdog timer-
related registers.
With XIN chosen for BCLK
Watchdog timer period =
prescaler dividing ratio (16 or 128) X watchdog timer count (32768)
BCLK
Figure 1.12.1. Block diagram of watchdog timer
With XCIN chosen for BCLK
Watchdog timer period =
prescaler dividing ratio (2) X watchdog timer count (32768)
BCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com