Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 48Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 49Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 50Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 51Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 52Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 53Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 54Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 55Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Control
1-33
Table 1.9.6. Microcomputer status in hold state
Item
Status
Oscillation
ON
___
_____
_______
R/W signal, address bus, data bus, CS, BHE
Floating
Programmable I/O ports
P0, P1, P2, P3, P4, P5
Floating
P6, P7, P8, P9, P10
Maintains status when hold signal is received
__________
HLDA
Output “L”
Internal peripheral circuits
ON (but watchdog timer stops)
ALE signal
Undefined
__________
HOLD > DMAC > CPU
(6) Hold signal
The hold signal is used to transfer the bus privileges from the CPU to the external circuits. Inputting “L” to
__________
the HOLD pin places the microcomputer in the hold state at the end of the current bus access. This status
__________
__________
is maintained and “L” is output from the HLDA pin as long as “L” is input to the HOLD pin. Table 1.9.6
shows the microcomputer status in the hold state.
__________
Bus-using priorities are given to HOLD, DMAC, and CPU in order of decreasing precedence.
Figure 1.9.5. Bus-using priorities
(7) External bus status when the internal area is accessed
Table 1.9.7 shows the external bus status when the internal area is accessed.
Table 1.9.7. External bus status when the internal area is accessed
Item
SFR accessed
Internal ROM/RAM accessed
Address bus
Address output
Maintain status before accessed
address of external area
Data bus
When read
Floating
Floating
When write
Output data
Undefined
RD, WR, WRL, WRH
RD, WR, WRL, WRH output
Output “H”
BHE
BHE output
Maintain status before accessed
status of external area
CS
Output “H”
Output “H”
ALE
Output “L”
Output “L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com