Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 2Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 3Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 4Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 5Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 6Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 7Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 8Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 9Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 615 page
background image
The figure of each register configuration describes its functions and attributes as follows :
*2
R:
Read
O.....Possible to read
X.....Impossible to read
–.....Nothing is assigned
W:
Write
O.....Possible to write
X.....Written value is invalid
When write, value can be "0" or "1"
–.....Nothing is assigned
XXX register
Symbol
Address
When reset
XXX
XXX
0016
Bit name
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
XXX select bit
1 0 : XXX
0 1 : XXX
1 0 : Must not be set
1 1 : XXX
b1 b0
XXX1
XXX0
XXX4
Reserved bit
XXX5
XXX7
XXX6
Function
Nothing is assigned.
In an attempt to write to this bit, write "0". The value, if read, turns out to be indeterminate.
XXX flag
Function varies with each operation mode
Must always be set to "0"
0
*1
*2
*3
*1
Blank:Set to "0" or "1" according to intended use
0:
Set to "0"
1:
Set to "1"
X:
Nothing is assigned
*3
Terms to use here are explained as follows.
• Nothing is assigned
Nothing is assigned to the bit concerned. When write, set "0" for new function in
future plan.
• Must not be set
Not select. The operation at having selected is not guaranteed.
• Reserved bit
Reserved bit. Set the specified value.
• Function varies with each operation mode
Bit function changes according to the mode of peripheral functions.
• Invalid in A mode
The bit concerned has no function in A mode. Set the specified value.
• Valid when bit A="0"
When bit A is "1", the bit concerned has no function. When bit A is "0", the bit
concerned has function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com