Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 18Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 19Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 20Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 21Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 22Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 23Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 24Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 25Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
1-3
1
2
3
4
5
6
7
8
9 10111213141516171819 202122 2324252627282930
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P00/D0
P01/D1
P02/D2
P03/D3
P04/D4
P05/D5
P06/D6
P07/D7
VREF
AVSS
P56/ALE
P55/HOLD
P54/HLDA
P53/BCLK
P52/RD
P57/RDY/CLKOUT
P45/CS1
P46/CS2
P47/CS3
AVcc
P63/TXD0
P65/CLK1
P66/RxD1
P67/TXD1
P61/CLK0
P62/RxD0
P100/AN0
P101/AN1
P102/AN2
P103/AN3
P60/CTS0/RTS0
P64/CTS1/RTS1/CLKS1
P97/ADTRG/SIN4
P44/CS0
P50/WRL/WR
P51/WRH/BHE
P107/AN7/KI3
P106/AN6/KI2
P105/AN5/KI1
P104/AN4/KI0
Note: P70 and P71 are N channel open-drain output pin.
Pin Configuration
Figures 1.1.1 and 1.1.2 show the pin configurations (top view).
PIN CONFIGURATION (top view)
Package: 100P6S-A
Figure 1.1.1. Pin configuration (top view)
M16C/62A Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com