Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 31Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 32Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 33Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 34Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 35Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 36Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 37Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 38Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
1-16
____________
Table 1.5.1 shows the statuses of the other pins while the RESET pin level is “L”. Figures 1.5.3 and 1.5.4
show the internal status of the microcomputer immediately after the reset is cancelled.
____________
Table 1.5.1. Pin status when RESET pin level is “L”
Status
CNVSS = VCC
CNVSS = VSS
BYTE = VSS
BYTE = VCC
Pin name
P0
P1
P2, P3, P40 to P43
P44
P45 to P47
P50
P51
P52
P53
P54
P55
P56
P57
P6, P7, P80 to P84,
P86, P87, P9, P10
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Input port (floating)
Data input (floating)
Data input (floating)
Address output (undefined)
BCLK output
ALE output (“L” level is output)
CS0 output (“H” level is output)
WR output (“H” level is output)
RD output (“H” level is output)
RDY input (floating)
Input port (floating)
BCLK output
BHE output (undefined)
HLDA output (The output value
depends on the input to the
HOLD pin)
HOLD input (floating)
Data input (floating)
Address output (undefined)
CS0 output (“H” level is output)
Input port (floating)
(pull-up resistor is on)
Input port (floating)
Input port (floating)
RDY input (floating)
ALE output (“L” level is output)
HOLD input (floating)
HLDA output (The output value
depends on the input to the
HOLD pin)
RD output (“H” level is output)
BHE output (undefined)
WR output (“H” level is output)
Input port (floating)
(pull-up resistor is on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com