Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 341Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 342Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 343Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 344Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 345Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 346Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 347Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 348Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 615 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-28
In one-shot timer mode, choose functions from those listed in Table 2.2.10. Operations of the circled
items are described below. Figure 2.2.22 shows the operation timing, and Figure 2.2.23 shows the set-up
procedure.
2.2.10 Operation of Timer A (one-shot timer mode, external trigger selected)
Figure 2.2.22. Operation timing of one-shot mode, external trigger selected
Operation
Note
Note: j = i – 1, but j = 4 when i = 0; k = i + 1, but k = 0 when i = 4.
(1) If the TAiIN pin input level changes from “L” to “H” with the count start flag set to “1”, the
counter performs a down count on the count source. At this time, the TAiOUT pin output level
goes to “H” level.
(2) If the value of the counter becomes “000016”, the TAiOUT pin outputs an “L” level, and the
counter reloads the content of the reload register and stops counting. At this time, the timer Ai
interrupt request bit goes to “1”.
(3) If a trigger occurs while a count is in progress, the counter reloads the value of the reload
register again and continues counting. The reload timing is in step with the next count source
input after the trigger.
(4) Setting the count start flag to “0” causes the counter to stop and to reload the content of the
reload register. Also, the TAiOUT pin outputs an “L” level. At this time, the timer Ai interrupt
request bit goes to “1”.
• When the timer Ai register is set to “000016”, the counter does not operate and the timer Ai
interrupt request is not generated. When the pulse is set to output, the pulse does not output
from the TAiOUT pin.
Item
Count source
Pulse output function
Count start condition
Set-up
O
O
O
Internal count source (f1 / f8 / f32 / fc32)
No pulses output
Pulses output
External trigger input (falling edge of input signal to the TAiIN pin)
External trigger input (rising edge of input signal to the TAiIN pin)
Timer overflow (TB2/TAj/TAk overflow)
Writing “1” to the one-shot start flag
Table 2.2.10. Choosed functions
FFFF16
n
000116
Timer Ai interrupt
request bit
n = reload register content
Reload
Reload
(4) Stop count
One-shot pulse output
from TAiOUT pin
“H”
1 / fi X (n)
“L”
1 / fi X (n+1)
TAiIN pin
input signal
“H”
“L”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
“0”
Count start flag
“1”
“0”
(2) Stop count
(1) Start count
(3) Start count
Time
Reload
Start count
Set to “1” by software
Trigger during count
Cleared to “0” by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com