Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 349Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 350Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 351Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 352Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 353Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 354Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 355Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 356Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 615 page
background image
Timer A
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-36
(1) At reset, the count start flag is set to “0”. Set a value in the timer Ai register, then set the flag
to “1”.
(2) Setting the count start flag to “0” while a count is in progress causes as follows:
• The counter stops counting and a content of reload register is reloaded.
• The TAiOUT pin outputs “L” level.
• The interrupt request generated and the timer Ai interrupt request bit goes to “1”.
(3) The output from the one-shot timer synchronizes with the count source generated internally.
Therefore, when an external trigger has been selected, a delay of one cycle of the maximum
count source occurs between the trigger input to the TAiIN pin and the one-shot timer output.
(4) The timer Ai interrupt request bit goes to “1” if the timer's operation mode is set using any of
the following procedures:
• Selecting one-shot timer mode after reset.
• Changing operation mode from timer mode to one-shot timer mode.
• Changing operation mode from event counter mode to one-shot timer mode.
Therefore, to use timer Ai interrupt (interrupt request bit), set timer Ai interrupt request bit to
“0” after the above listed changes have been made.
(5) If a trigger occurs while a count is in progress, after the counter performs one down count
following the reoccurrence of a trigger, the reload register contents are reloaded, and the
count continues. To generate a trigger while a count is in progress, generate the second
trigger after an elapse longer than one cycle of the timer's count source after the previous
trigger occurred.
2.2.15 Precautions for Timer A (one-shot timer mode)
Note: The above applies when an external trigger (falling edge of TAiIN pin input signal) is selected.
TAiIN pin input signal
“H”
“L”
Count source
Trigger input
Start one-shot pulse output
One-shot pulse
output from TAiOUT pin
Figure 2.2.31. One-shot timer delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com