Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 358Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 359Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 360Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 361Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 362Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 363Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 364Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 365Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 615 page
background image
Timer B
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-45
Figure 2.3.7. Set-up procedure of event counter mode
Setting counter value
Can be set to 000016 to FFFF16 (n)
b7
b0
(b15)
(b8)
b7
b0
Start count
Setting count start flag
Count start flag
[Address 038016]
TABSR
Timer B0 count start flag
Timer B1 count start flag
Timer B2 count start flag
b7
b0
Selecting event counter mode and functions
Selection of event counter mode
b7
b0
01
Invalid in event counter mode
Event clock select
0 : Input from TBiIN pin (Note)
0
0
0
Count polarity select bit
0 0 : Counts external signal falling edges
b3 b2
Note: Set the corresponding port direction register to “0”.
Timer B0 register [Address 039116, 039016]TB0
Timer B1 register [Address 039316, 039216]TB1
Timer B2 register [Address 039516, 039416]TB2
Timer B3 register [Address 035116, 035016]TB3
Timer B4 register [Address 035316, 035216]TB4
Timer B5 register [Address 035516, 035416]TB5
Timer Bi mode register (i=0 to 5) [Address 039B16 to 039D16, 035B16 to 035D16]
TBiMR (i=0 to 5)
Fixed to “0” in event counter mode ( i = 0, 3)
In an attempt to write to this bit, write “0” (i = 1, 2, 4, 5)
Timer B3,4,5 count start
flag
[Address 034016]
TBSR
Timer B3 count start flag
Timer B4 count start flag
Timer B5 count start flag
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com