Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 365Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 366Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 367Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 368Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 369Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 370Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 371Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 372Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 615 page
background image
Clock-Synchronous Serial I/O
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-52
2.4.1 Overview of the clock-synchronous serial I/O usage
Clock-synchronous serial I/O carries out 8-bit data communications in synchronization with the clock. The
following is an overview of the clock-synchronous serial I/O usage.
(1) Transmission/reception format
8-bit data
(2) Transfer rate
If the internal clock is selected as the transfer clock, the divide-by-2 frequency, resulting from the bit
rate generator division, becomes the transfer rate. The bit rate generator count source can be se-
lected from the following: f1, f8, and f32. Clocks f1, f8, and f32 are derived by dividing the CPU’s main
clock by 1, 8, and 32 respectively.
Furthermore, if an external clock is selected as the transfer clock, the clock frequency input to the CLK
pin becomes the transfer rate.
(3) Error detection
Only overrun error can be detected. Overrun error is an error that occurs when the next data is made
ready before the reception buffer register is read.
(4) How to deal with an error
When receiving data, read an error flag and reception data simultaneously to determine which error
has occurred. If the data read is erroneous, initialize the error flag and the UARTi receive buffer
register, then receive the data again.
To initialize the UARTi receive buffer register
1. Set the receive enable bit to “0” (disable reception).
2. Set the serial I/O mode select bit to “0002” (invalid serial I/O).
3. Set the serial I/O mode select bit.
4. Set the receive enable bit to “1” again (enable reception).
To transmit data again due to an error on the reception side, set the UARTi transmit buffer register
again, then transmit the data again.
To set the UARTi transmit buffer register again
1. Set the serial I/O mode select bits to “0002” (invalidate serial I/O).
2. Set the serial I/O mode select bits again.
3. Set the transmit enable bit to “1” (enable transmission), then set transmission data in the UARTi
transmit buffer register.
(5) Function selection
For clock-synchronous serial I/O, the following functions can be selected:
_______ _______
(a) CTS/RTS function
_______
In the CTS function, an external IC can start transmission/reception by inputting an “H” level to the
_______
_______
CTS pin. The CTS pin input level is detected when transmission/reception starts. Therefore, if the
level is set to “L” during transmission/reception, it will stop from the next data.
_______
_______
_______
The RTS function informs an external IC that RTS is reception-ready and has changed to “L”. RTS
goes to “H” at the falling edge of the transfer clock.
2.4 Clock-Synchronous Serial I/O Usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com