Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 407 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 403Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 404Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 405Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 406Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 407Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 408Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 409Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 410Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 615 page
background image
UART
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-90
Figure 2.5.12. Set-up procedure of reception in UART mode (1)
Continued to the next page
UART transmit/receive control register 2
UCON [Address 03B016]
Must always be “0” in UART mode
Must always be “0” in UART mode
Must always be “0” in UART mode
Invalid in UART mode
Reserved bit
Must always be set to “0”
b7
b0
00
Setting UART transmit/receive control register 2 and UART2 transmit/receive control register 1
UART2 transmit/receive control register 1
U2C1 [Address 037D16]
Must always be “0” in UART mode
Error signal output enable bit
0 : Output disabled
Data logic select bit
0 : No reverse
b7
b0
00
Setting UARTi transmit/receive mode register (i=0 to 2)
Internal/external clock select bit
0 : Internal clock
UART0 transmit/receive mode register
U0MR
[Address 03A016]
UART1 transmit/receive mode register
U1MR
[Address 03A816]
Valid when bit 6 = “1”
Parity enable bit
0 : Parity diabled
b7
b0
01
01
0
Sleep select bit
0 : Sleep mode deselected
Serial I/O mode select bit
1 0 1 : Transfer data 8 bits long
b2 b1 b0
00
Stop bit length select bit
0 : One stop bit
Parity enable bit
0 : Parity diabled
b7
b0
01
01
0
TXD,RXD I/O polarity reverse bit
Usually set to “0”
Serial I/O mode select bit
1 0 1 : Transfer data 8 bits long
b2 b1 b0
00
Stop bit length select bit
0 : One stop bit
UART2 transmit/receive mode register
U2MR
[Address 037816]
Must always be “0” in UART mode
Valid when bit 6 = “1”
Transmit register empty flag
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit register
(transmission completed)
Must be fixed to “0” in UART mode
Setting UARTi transmit/receive control register 0 (i=0 to 2)
UART2 transmit/receive control register 0
U2C0 [Address 037C16]
Transfer format select bit
0 : LSB first
Must always be “0” in UART mode
Transmit register empty flag
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit register
(transmission completed)
Must always be “0” in UART mode
Data output select bit
0 : TxDi pin is CMOS output
1 : TxDi pin is N-channel open-drain output
b7
b0
01
00
BRG count source select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Must not be set
b1 b0
CTS/RTS function select bit
(Valid when bit 4 = “0”)
1 : RTS function is selected
CTS/RTS disable bit
0 : CTS/RTS function enabled
UART0 transmit/receive control register 0
U0C0 [Address 03A416]
UART1 transmit/receive control register 0
U1C0 [Address 03AC16]
b7
b0
01
00
BRG count source select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Must not be set
b1 b0
CTS/RTS function select bit
(Valid when bit 4 = “0”)
1 : RTS function is selected
CTS/RTS disable bit
0 : CTS/RTS function enabled
0
Transmit register empty flag
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit register
(transmission completed)
Must always be “0” in UART mode
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com