Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 412Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 413Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 414Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 415Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 416Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 417Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 418Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 419Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-99
UART
Start reception
Processing after reading out reception data
Continued from the previous page
Checking completion of reception
UART2 transmit/receive control register 1 [Address 037D16]
U2C1
b7
b0
Receive complete flag
0 : No data present in receive buffer register
1 : Data present in receive buffer register
Checking error
UART2 receive buffer register [Address 037F16, 037E16]
U2RB
Overrun error flag
0 : No overrun error
1 : Overrun error found
b7
b0 b7
b0
(b15)
(b8)
Receive data
Framing error flag
0 : No framing error
1 : Framing error found
Parity error flag
0 : No parity error
1 : Parity error found
Error sum flag
0 : No error
1 : Error found
Setting UART2 bit rate generator
UART2 bit rate generator [Address 037916]
U2BRG
Can be set to 0016 to FF16 (Note)
b7
b0
Note: Write to UART2 bit rate generator when transmission/reception is halted.
Transmit enabled
UART2 transmit/receive control register 1 [Address 037D16]
U2C1
b7
b0
Receive enable bit
1 : Reception enabled
1
Transmit enable bit
1 : Transmission enabled
1
Figure 2.5.19. Set-up procedure of reception in UART mode (used for SIM interface)(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com