Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 446Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 447Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 448Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 449Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 450Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 451Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 452Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 453Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 615 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-133
Successive approximation register : n
Vref (V)
x
–
1024
VREF
2048
VREF
n
00
1 to1023
(1) The A-D converter compares the reference voltage (Vref) generated internally based on the
contents of the successive comparison register with the analog input voltage (VIN) input from
the analog input pin. Each bit of the comparison result is stored in the successive comparison
register until analog-to-digital conversion (successive comparison method) is complete. If a
trigger occurs, the A-D converter carries out the following:
1. Fixes bit 9 of the successive comparison register.
Compares Vref with VIN: [In this instance, the contents of the successive comparison
register are “10000000002” (default).]
Bit 9 of the successive comparison register varies depending on the comparison re-
sult as follows.
If Vref < VIN, then “1” is assigned to bit 9.
If Vref > VIN, then “0” is assigned to bit 9.
2. Fixes bit 8 of the successive comparison register.
Sets bit 8 of the successive comparison register to “1”, then compares Vref with VIN.
Bit 8 of the successive comparison register varies depending on the comparison
result as follows:
If Vref < VIN, then “1” is assigned to bit 8.
If Vref > VIN, then “0” is assigned to bit 8.
3. Fixes bit 7 through bit 0 of the successive comparison register.
Carries out step 2 above on bit 7 through bit 0.
After bit 0 is fixed, the contents of the successive comparison register (conversion
result) are transmitted to A-D register i.
Vref is generated based on the latest content of the successive comparison register. Table
2.7.10 shows the relationship of the successive comparison register contents and Vref. Table
2.7.11 shows how the successive comparison register and Vref vary while A-D conversion is
in progress. Figure 2.7.23 shows theoretical A-D conversion characteristics.
2.7.11 Method of A-D Conversion (10-bit mode)
Table 2.7.10. Relationship of the successive comparison register contents and Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com