Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 503 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 503 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 499Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 500Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 501Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 502Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 503Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 504Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 505Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 506Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 507Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 615 page
background image
Programmable I/O Ports
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-186
Figure 2.16.3. Programmable I/O ports-related registers (2)
Port Pi register (Note 2)
Symbol
Address
When reset
Pi (i = 0 to 10, except 8)
03E016, 03E116, 03E416, 03E516, 03E816
Indeterminate
03E916, 03EC16, 03ED16, 03F116, 03F416
Indeterminate
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Pi_0
Port Pi0 register
Pi_1
Port Pi1 register
Pi_2
Port Pi2 register
Pi_3
Port Pi3 register
Pi_4
Port Pi4 register
Pi_5
Port Pi5 register
Pi_6
Port Pi6 register
Pi_7
Port Pi7 register
Data is input and output to and from
each pin by reading and writing to
and from each corresponding bit
0 : “L” level data
1 : “H” level data (Note 1)
(i = 0 to 10 except 8)
Port P8 register
Symbol
Address
When reset
P8
03F016
Indeterminate
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
P8_0
Port P80 register
P8_1
Port P81 register
P8_2
Port P82 register
P8_3
Port P83 register
P8_4
Port P84 register
P8_5
Port P85 register
P8_6
Port P86 register
P8_7
Port P87 register
Data is input and output to and from
each pin by reading and writing to
and from each corresponding bit
(except for P85)
0 : “L” level data
1 : “H” level data
Note 1: Since P70 and P71 are N-channel open drain ports, the data is high-impedance.
Note 2: In memory expansion and microprocessor mode, the contents of
corresponding port Pi register of pins A0 to A19, D0 to D15, CS0 to CS3,
RD, WRL/WR, WRH/BHE, ALE, RDY, HOLD, HLDA and BCLK cannot
be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com