Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 565 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 565 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 561Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 562Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 563Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 564Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 565Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 566Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 567Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 568Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 569Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 615 page
background image
External ROM
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-248
Table 5.2.2. Pin Description (2)
Signal name
Function
Pin name
I/O type
Input/output
Input/output
Input/output
Input/output
Input/output
Input
Input/output
Input/output
I/O port P6
I/O port P7
I/O port P8
I/O port P85
I/O port P9
I/O port P10
P60 to P67
P70 to P77
P80 to P84,
P86,
P87,
P85
P90 to P97
P100 to P107
Output
Output
Output
Output
Output
Input
Output
Input
This is an 8-bit I/O port equivalent to P1. The port can be set to have or
not have a pull-up resistor in units of four bits by software. Pins in this
port also function as UART0 and UART1 I/O pins as selected by
software.
This is an 8-bit I/O port equivalent to P6. Pins in this port also function
as timer A0–A3, timer B5, or UART2 I/O pins as selected by software.
This is an 8-bit I/O port equivalent to P6. Pins in this port also function
as SI/O3,4 I/O pin, timer B0–B2 input pins, D-A converter output pins,
A-D converter’s extended input pins, or A-D trigger input pins as
selected by software.
This is an 8-bit I/O port equivalent to P6. Pins in this port also function
as A-D converter input pins. Furthermore, P104–P107 also function as
input pins for the key input interrupt function.
WRL / WR,
WRH / BHE,
RD,
BCLK,
HLDA,
HOLD,
ALE,
RDY
Output WRL, WRH (WR and BHE), RD, BCLK, HLDA, and ALE
signals. WRL and WRH, and BHE and WR can be switched using
software control.
WRL, WRH, and RD selecte
With a 16-bit external data bus, data is written to even addresses
when the WRL signal is “L” and to the odd addresses when the WRH
signal is “L”. Data is read when RD is “L”.
WR, BHE, and RD selected
Data is written when WR is “L”. Data is read when RD is “L”. Odd
addresses are accessed when BHE is “L”. Use this mode when using
an 8-bit external data bus.
While the input level at the HOLD pin is “L”, the microcomputer is
placed in the hold state. While in the hold state, HLDA outputs a “L"
level. ALE is used to latch the address. While the input level of the
RDY pin is “L”, the microcomputer is in the ready state.
P80 to P84, P86, and P87 are I/O ports with the same functions as P6.
Using software, they can be made to function as the I/O pins for timer
A4 and the input pins for external interrupts. P86 and P87 can be set
using software to function as the I/O pins for a sub clock generation
circuit. In this case, connect a quartz oscillator between P86 (XCOUT
pin) and P87 (XCIN pin). P85 is an input-only port that also functions
for NMI. The NMI interrupt is generated when the input at this pin
changes from “H” to “L”. The NMI function cannot be canceled using
software. The pull-up cannot be set for this pin.
WRL / WR,
WRH / BHE,
RD,
BCLK,
HLDA,
HOLD,
ALE,
RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com