Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 586 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 586 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 582Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 583Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 584Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 585Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 586Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 587Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 588Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 589Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 590Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix 3 Setting register for pin function selected
2-269
e
m
a
n
n
i
P0
K
L
C
/
1
6
P.
o
N
n
i
P)
P
F
(
7
3)
P
G
(
5
3
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
E
E
3
,
1h
D
F
3
,
4h
0
A
3
,
3
0
K
L
CI
t
u
p
n
i
k
c
o
l
c
O
/
I
l
a
i
r
e
S0
X
1
18
0
1
-
1
0
K
L
CO
t
u
p
t
u
o
k
c
o
l
c
O
/
I
l
a
i
r
e
SX
X
0
2
,
18
0
1
-
1
1
6
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P0
0
X
3
6
1
-
1
1
6
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P0
1
X
3
6
1
-
1
1
6
PO
t
u
p
t
u
o
t
r
o
P1
X
X
3
6
1
-
1
h
E
E
3
,
1r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
1
6
P
t
r
o
P
8
6
1
-
1
h
D
F
3
,
4r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
3
6
P
o
t
0
6
P
0
7
1
-
1
h
0
A
3
,
3
r
e
t
s
i
g
e
r
e
d
o
m
e
v
i
e
c
e
r
/
t
i
m
s
n
a
r
t
0
T
R
A
U
f
o
t
i
b
t
c
e
l
e
s
k
c
o
l
c
l
a
n
r
e
t
x
e
/
l
a
n
r
e
t
n
I
3
1
1
-
1
.
r
e
t
s
i
g
e
r
e
d
o
m
e
v
i
e
c
e
r
/
t
i
m
s
n
a
r
t
0
T
R
A
U
f
o
t
i
b
t
c
e
l
e
s
e
d
o
m
O
/
I
l
a
i
r
e
s
y
b
d
e
l
b
a
n
e
O
/
I
l
a
i
r
e
s
t
e
S
:
1
k
r
a
m
e
R
.
d
e
t
c
e
l
e
s
e
d
o
m
T
R
A
U
n
e
h
w
t
r
o
p
O
/
I
e
m
o
c
e
b
t
I
:
2
k
r
a
m
e
R
e
m
a
n
n
i
P0
S
T
R
/
0
S
T
C
/
0
6
P.
o
N
n
i
P)
P
F
(
8
3)
P
G
(
6
3
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
E
E
3
,
0h
D
F
3
,
4h
4
A
3
,
4h
4
A
3
,
2
0
S
T
RO
t
u
p
t
u
o
S
T
RX
X
0
1
1
8
0
1
-
1
0
S
T
CIt
u
p
n
i
S
T
C0
X
0
0
1
8
0
1
-
1
0
6
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P0
0
X
X
3
6
1
-
1
0
6
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P0
1
X
X
3
6
1
-
1
0
6
PO
t
u
p
t
u
o
t
r
o
P
1
XXX
3
6
1
-
1
h
E
E
3
,
0r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
0
6
P
t
r
o
P
8
6
1
-
1
h
D
F
3
,
4r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
3
6
P
o
t
0
6
P
0
7
1
-
1
h
4
A
3
,
4
0
r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
e
v
i
e
c
e
r
/
t
i
m
s
n
a
r
t
0
T
R
A
U
f
o
t
i
b
e
l
b
a
s
i
d
S
T
R
/
S
T
C
4
1
1
-
1
h
4
A
3
,
2
0
r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
e
v
i
e
c
e
r
/
t
i
m
s
n
a
r
t
0
T
R
A
U
f
o
t
i
b
t
c
e
l
e
s
n
o
i
t
c
n
u
f
S
T
R
/
S
T
C
4
1
1
-
1
.
r
e
t
s
i
g
e
r
e
d
o
m
e
v
i
e
c
e
r
/
t
i
m
s
n
a
r
t
0
T
R
A
U
f
o
t
i
b
t
c
e
l
e
s
e
d
o
m
O
/
I
l
a
i
r
e
s
y
b
d
e
l
b
a
n
e
O
/
I
l
a
i
r
e
s
t
e
S
:
1
k
r
a
m
e
R
e
m
a
n
n
i
PT
U
O
K
L
C
/
Y
D
R
/
7
5
P.
o
N
n
i
P)
P
F
(
9
3)
P
G
(
7
3
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
B
E
3
,
7h
D
F
3
,
3h
4
0
0
,
1h
4
0
0
,
0h
6
0
0
,
1h
6
0
0
,
0
T
U
O
K
L
CO
t
u
p
t
u
o
T
U
O
K
L
CX
X
0
0
0
0
t
p
e
c
x
E0
4
-
1
Y
D
RI
t
u
p
n
i
Y
D
RX
X
X
1
X
X
1
2
3
-
1
7
5
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
00000
3
6
1
-
1
7
5
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P
0
1
0000
3
6
1
-
1
7
5
PO
t
u
p
t
u
o
t
r
o
P
1
X
0000
3
6
1
-
1
h
B
E
3
,
7r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
7
5
P
t
r
o
P
8
6
1
-
1
h
D
F
3
,
3r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
7
5
P
o
t
4
5
P
0
7
1
-
1
h
4
0
0
,
10
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
h
4
0
0
,
00
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
h
6
0
0
,
10
r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
k
c
o
l
c
m
e
t
s
y
s
f
o
t
i
b
t
c
e
l
e
s
n
o
i
t
c
n
u
f
t
u
p
t
u
o
k
c
o
l
C
9
3
-
1
h
6
0
0
,
00
r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
k
c
o
l
c
m
e
t
s
y
s
f
o
t
i
b
t
c
e
l
e
s
n
o
i
t
c
n
u
f
t
u
p
t
u
o
k
c
o
l
C
9
3
-
1
.
"
0
"
o
t
t
e
s
e
b
t
s
u
m
s
t
c
e
l
e
s
p
i
h
c
t
n
a
v
e
l
e
r
f
o
t
i
b
t
i
a
w
e
h
t
,
Y
D
R
e
h
t
g
n
i
s
u
s
i
r
e
s
u
e
h
t
n
e
h
W
:
1
k
r
a
m
e
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com