Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 598 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 598 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 594Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 595Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 596Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 597Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 598Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 599Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 600Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 601Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Appendix 3 Setting register for pin function selected
2-281
e
m
a
n
n
i
P2
1
D
/
4
1
P.
o
N
n
i
P)
P
F
(
6
7)
P
G
(
4
7
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
3
E
3
,
4h
C
F
3
,
3h
4
0
0
,
5h
4
0
0
,
4h
4
0
0
,
1h
4
0
0
,
0E
T
Y
B
2
1
DO
/
Is
u
b
a
t
a
DX
X
1
1
t
p
e
c
x
EX
1
L
8
2
-
1
4
1
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
0
0
0
X
X
X
X
0
X
0
1
X
H
3
6
1
-
1
4
1
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P
0
0
1
1
X
X
X
X
0
X
0
1
X
H
3
6
1
-
1
4
1
PO
t
u
p
t
u
o
t
r
o
P
1
1
X
X
X
X
X
X
0
X
0
1
X
H
3
6
1
-
1
h
3
E
3
,
4r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
4
1
P
t
r
o
P
8
6
1
-
1
h
C
F
3
,
3r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
7
1
P
o
t
4
1
P
0
7
1
-
1
h
4
0
0
,
50
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
3
2
-
1
h
4
0
0
,
40
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
3
2
-
1
h
4
0
0
,
10
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
h
4
0
0
,
00
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
E
T
Y
Bn
i
p
E
T
Y
B
6
2
-
1
e
m
a
n
n
i
P1
1
D
/
3
1
P.
o
N
n
i
P)
P
F
(
7
7)
P
G
(
5
7
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
3
E
3
,
3h
C
F
3
,
2h
4
0
0
,
5h
4
0
0
,
4h
4
0
0
,
1h
4
0
0
,
0E
T
Y
B
1
1
DO
/
Is
u
b
a
t
a
DX
X
1
1
t
p
e
c
x
EX
1
L
8
2
-
1
3
1
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
0
0
0
X
X
X
X
0
X
0
1
X
H
3
6
1
-
1
3
1
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P
0
0
1
1
X
X
X
X
0
X
0
1
X
H
3
6
1
-
1
3
1
PO
t
u
p
t
u
o
t
r
o
P
1
1
X
X
X
X
X
X
0
X
0
1
X
H
3
6
1
-
1
h
3
E
3
,
3r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
3
1
P
t
r
o
P
8
6
1
-
1
h
C
F
3
,
2r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
3
1
P
o
t
0
1
P
0
7
1
-
1
h
4
0
0
,
50
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
3
2
-
1
h
4
0
0
,
40
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
3
2
-
1
h
4
0
0
,
10
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
h
4
0
0
,
00
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
E
T
Y
Bn
i
p
E
T
Y
B
6
2
-
1
e
m
a
n
n
i
P0
1
D
/
2
1
P.
o
N
n
i
P)
P
F
(
8
7)
P
G
(
6
7
n
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
F
r
e
t
s
i
g
e
r
g
n
i
t
t
e
S
s
k
r
a
m
e
Re
g
a
P
h
3
E
3
,
2h
C
F
3
,
2h
4
0
0
,
5h
4
0
0
,
4h
4
0
0
,
1h
4
0
0
,
0E
T
Y
B
0
1
DO
/
Is
u
b
a
t
a
DX
X
1
1
t
p
e
c
x
EX
1
L
8
2
-
1
2
1
PI
)
h
g
i
h
d
e
ll
u
p
o
N
(
t
u
p
n
i
t
r
o
P
0
0
0
0
X
X
X
X
0
X
0
1
X
H
3
6
1
-
1
2
1
PI
)
h
g
i
h
d
e
ll
u
P
(
t
u
p
n
i
t
r
o
P
0
0
1
1
X
X
X
X
0
X
0
1
X
H
3
6
1
-
1
2
1
PO
t
u
p
t
u
o
t
r
o
P
1
1
X
X
X
X
X
X
0
X
0
1
X
H
3
6
1
-
1
h
3
E
3
,
2r
e
t
s
i
g
e
r
n
o
i
t
c
e
r
i
d
2
1
P
t
r
o
P
8
6
1
-
1
h
C
F
3
,
2r
e
t
s
i
g
e
r
l
o
r
t
n
o
c
p
u
-
ll
u
p
3
1
P
o
t
0
1
P
0
7
1
-
1
h
4
0
0
,
50
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
3
2
-
1
h
4
0
0
,
40
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
t
c
e
l
e
s
e
c
a
p
s
s
u
b
d
e
x
e
l
p
i
t
l
u
M
3
2
-
1
h
4
0
0
,
10
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
h
4
0
0
,
00
r
e
t
s
i
g
e
r
e
d
o
m
r
o
s
s
e
c
o
r
p
f
o
t
i
b
e
d
o
m
r
o
s
s
e
c
o
r
P
3
2
-
1
E
T
Y
Bn
i
p
E
T
Y
B
6
2
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com