Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 608 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 608 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 604Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 605Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 606Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 607Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 608Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 609Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 610Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 611Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 612Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 608 / 615 page
background image
Appendix 5
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-291
1.2 Connection of bypass capacitor across Vss line and Vcc line
Connect an approximately 0.1
µF bypass capacitor across the Vss line and the Vcc line as follows:
• Connect a bypass capacitor across the Vss pin and the Vcc pin at equal length.
• Connect a bypass capacitor across the Vss pin and the Vcc pin with the shortest possible wiring.
• Use lines with a larger diameter than other signal lines for Vss line and Vcc line.
• Connect the power source wiring via a bypass capacitor to the Vss pin and the Vcc pin.
Analog
input pin
VSS
Noise
(Note)
Thermistor
Note: The resistor is used for dividing
resistance with a thermistor.
N.G.
O.K.
Microcomputer
Figure 1.2.1. Bypass capacitor across the Vss line and the Vcc line
1.3 Wiring to analog input pins
• Connect an approximately 100
Ω to 1 kΩ resistor to an analog signal line which is connected to an analog
input pin in series. Besides, connect the resistor to the microcomputer as close as possible.
• Connect an approximately 1000 pF capacitor across the Vss pin and the analog input pin. Besides,
connect the capacitor to the Vss pin as close as possible. Also, connect the capacitor across the analog
input pin and the Vss pin at equal length.
q Reason
Signals which is input in an analog input pin (such as an A-D converter/comparator input pin) are usually
output signals from sensor. The sensor which detects a change of event is installed far from the printed
circuit board with a microcomputer, the wiring to an analog input pin is longer necessarily. This long wiring
functions as an antenna which feeds noise into the microcomputer, which causes noise to an analog input
pin.
VSS
VCC
N.G.
O.K.
VSS
VCC
Figure 1.3.1. Analog signal line and a resistor and a capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com