Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 99Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 100Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 101Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 102Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 103Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 104Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 105Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 106Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer A
1-84
Item
Specification
Count source
• External signals input to TAiIN pin (effective edge can be selected by software)
• TB2 overflow, TAj overflow
Count operation
• Up count or down count can be selected by external signal or software
• When the timer overflows or underflows, it reloads the reload register con
tents before continuing counting (Note)
Divide ratio
1/ (FFFF16 - n + 1) for up count
1/ (n + 1) for down count
n : Set value
Count start condition
Count start flag is set (= 1)
Count stop condition
Count start flag is reset (= 0)
Interrupt request generation timing The timer overflows or underflows
TAiIN pin function
Programmable I/O port or count source input
TAiOUT pin function
Programmable I/O port, pulse output, or up/down count select input
Read from timer
Count value can be read out by reading timer Ai register
Write to timer
• When counting stopped
When a value is written to timer Ai register, it is written to both reload register and counter
• When counting in progress
When a value is written to timer Ai register, it is written to only reload register
(Transferred to counter at next reload time)
Select function
• Free-run count function
Even when the timer overflows or underflows, the reload register content is not reloaded to it
• Pulse output function
Each time the timer overflows or underflows, the TAiOUT pin’s polarity is reversed
Note: This does not apply when the free-run function is selected.
(2) Event counter mode
In this mode, the timer counts an external signal or an internal timer’s overflow. Timers A0 and A1 can
count a single-phase external signal. Timers A2, A3, and A4 can count a single-phase and a two-phase
external signal. Table 1.14.2 lists timer specifications when counting a single-phase external signal.
Figure 1.14.8 shows the timer Ai mode register in event counter mode.
Table 1.14.3 lists timer specifications when counting a two-phase external signal. Figure 1.14.9 shows
the timer Ai mode register in event counter mode.
Table 1.14.2. Timer specifications in event counter mode (when not processing two-phase pulse signal)
Figure 1.14.8. Timer Ai mode register in event counter mode
Note 1: In event counter mode, the count source is selected by the event / trigger select bit
(addresses 038216 and 038316).
Note 2: The settings of the corresponding port register and port direction register are invalid.
Note 3: Valid only when counting an external signal.
Note 4: When an “L” signal is input to the TAiOUT pin, the downcount is activated. When “H”,
the upcount is activated. Set the corresponding port direction register to “0”.
Symbol
Address
When reset
TAiMR(i = 0 to 4) 039616 to 039A16
0016
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode select bit
0 1 : Event counter mode (Note 1)
b1 b0
TMOD0
MR0
Pulse output function
select bit
0 : Pulse is not output
(TAiOUT pin is a normal port pin)
1 : Pulse is output (Note 2)
(TAiOUT pin is a pulse output pin)
Count polarity
select bit (Note 3)
MR2
MR1
MR3
0 (Must always be “0” in event counter mode)
TCK0
Count operation type
select bit
01
0
0 : Counts external signal's falling edge
1 : Counts external signal's rising edge
Up/down switching
cause select bit
0 : Up/down flag's content
1 : TAiOUT pin's input signal (Note 4)
0 : Reload type
1 : Free-run type
Bit symbol
Bit name
Function
RW
TCK1
Invalid when not using two-phase pulse signal processing
Can be “0” or “1”
TMOD1
Timer Ai mode register
(When not using two-phase pulse signal processing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com