Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 111Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 112Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 113Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 114Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 115Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 116Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 117Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 118Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timers’ functions for three-phase motor control
1-96
Timers’ functions for three-phase motor control
Use of more than one built-in timer A and timer B provides the means of outputting three-phase motor
driving waveforms.
Figures 1.15.1 to 1.15.3 show registers related to timers for three-phase motor control.
Three-phase PWM control register 0
Symbol
Address
When reset
INVC0
034816
0016
b7
b6
b5
b4 b3
b2
b1
b0
Effective interrupt output
polarity select bit
INV00
Bit symbol
Bit name
Description
RW
INV01
Effective interrupt output
specification bit
(Note 4)
INV02
Mode select bit
(Note 2)
INV04
Positive and negative
phases concurrent L
output disable function
enable bit
INV07
Software trigger bit
INV06
Modulation mode select
bit (Note 3)
INV05
Positive and negative
phases concurrent L
output detect flag
INV03
Output control
bit
0: A timer B2 interrupt occurs when the timer
A1 reload control signal is “1”.
1: A timer B2 interrupt occurs when the timer
A1 reload control signal is “0”.
Effective only in three-phase mode 1
0: Not specified.
1: Selected by the effective interrupt output
polarity selection bit.
Effective only in three-phase mode 1
0: Normal mode
1: Three-phase PWM output mode
0: Output disabled
1: Output enabled
0: Feature disabled
1: Feature enabled
0: Not detected yet
1: Already detected
0: Triangular wave modulation mode
1: Sawtooth wave modulation mode
1: Trigger generated
The value, when read, is “0”.
(Note 1)
T
hree-phase PWM control register 1
Symbol
Address
When reset
INVC1
034916
0016
Bit name
Description
Bit symbol
W
R
INV10
INV11
INV12
Timer Ai start trigger
signal select bit
Timer A1-1, A2-1, A4-1
control bit
Short circuit timer count
source select bit
0: Timer B2 overflow signal
1: Timer B2 overflow signal,
signal for writing to timer B2
0: Three-phase mode 0
1: Three-phase mode 1
0 : Must not be set.
1 : f1/2 (Note)
b7 b6
b5
b4
b3
b2
b1 b0
Noting is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Noting is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out to be “0”.
Reserved bit
Must always be set to “0”
0
Note : To use three-phase PWM output mode, write “1” to INV12.
Note 1:
Note 2:
Note 3:
Note 4:
No value other than “0” can be written.
Selecting three-phase PWM output mode causes P80, P81, and P72 through P75 to output U, U, V, V, W, and W, and works the
timer for setting short circuit prevention time, the U, V, W phase output control circuits, and the circuit for setting timer B2 interrupt
frequency.
In triangular wave modulation mode:
The short circuit prevention timer starts in synchronization with the falling edge of timer Ai output.
The data transfer from the three-phase buffer register to the three-phase output shift register is made only once in synchronization
with the transfer trigger signal after writing to the three-phase output buffer register.
In sawtooth wave modulation mode:
The short circuit prevention timer starts in synchronization with the falling edge of timer A output and with the transfer trigger signal.
The data transfer from the three-phase output buffer register to the three-phase output shift register is made with respect to every
transfer trigger.
To write “1” to bit 1 (INV01) of the three-phase PWM control register 0, set in advance the content of the timer B2 interrupt
occurrences frequency set counter.
Figure 1.15.1. Registers related to timers for three-phase motor control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com