Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 138Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 139Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 140Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 141Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 142Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 143Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 144Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 145Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock synchronous serial I/O mode
1-123
(a) Polarity select function
As shown in Figure 1.16.12, the CLK polarity select bit (bit 6 at addresses 03A416, 03AC16, 037C16)
allows selection of the polarity of the transfer clock.
• When CLK polarity select bit = “1”
Note 2: The CLKi pin level when not
transferring data is “L”.
D1
D2
D3
D4
D5
D6
D7
D1
D2
D3
D4
D5
D6
D7
D0
D0
TXDi
RXDi
CLKi
• When CLK polarity select bit = “0”
Note 1: The CLKi pin level when not
transferring data is “H”.
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
TXDi
RXDi
CLKi
Figure 1.16.12. Polarity of transfer clock
(b) LSB first/MSB first select function
As shown in Figure 1.16.13, when the transfer format select bit (bit 7 at addresses 03A416, 03AC16,
037C16) = “0”, the transfer format is “LSB first”; when the bit = “1”, the transfer format is “MSB first”.
Figure 1.16.13. Transfer format
LSB first
• When transfer format select bit = “0”
D0
D0
D1
D2
D3
D4
D5
D6
D7
D1
D2
D3
D4
D5
D6
D7
TXDi
RXDi
CLKi
• When transfer format select bit = “1”
D6
D5
D4
D3
D2
D1
D0
D7
D7
D6
D5
D4
D3
D2
D1
D0
TXDi
RXDi
CLKi
MSB first
Note: This applies when the CLK polarity select bit = “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com