Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 176Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 177Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 178Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 179Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 180Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 181Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 182Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 183Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
CRC
1-161
CRC Calculation Circuit
The Cyclic Redundancy Check (CRC) calculation circuit detects an error in data blocks. The microcom-
puter uses a generator polynomial of CRC_CCITT (X16 + X12 + X5 + 1) to generate CRC code.
The CRC code is a 16-bit code generated for a block of a given data length in multiples of 8 bits. The CRC
code is set in a CRC data register each time one byte of data is transferred to a CRC input register after
writing an initial value into the CRC data register. Generation of CRC code for one byte of data is com-
pleted in two machine cycles.
Figure 1.19.1 shows the block diagram of the CRC circuit. Figure 1.19.2 shows the CRC-related registers.
Figure 1.19.3 shows the calculation example using the CRC calculation circuit.
Figure 1.19.2. CRC-related registers
Symbol
Address
When reset
CRCD
03BD16, 03BC16
Indeterminate
b7
b0 b7
b0
(b15)
(b8)
CRC data register
W
R
CRC calculation result output register
Function
Values that
can be set
000016 to FFFF16
Symbo
Address
When reset
CRCIN
03BE16
Indeterminate
b7
b0
CRC input register
W
R
Data input register
Function
Values that
can be set
0016 to FF16
Eight low-order bits
Eight high-order bits
Data bus high-order bits
Data bus low-order bits
CRC data register (16)
CRC input register (8)
CRC code generating circuit
x16 + x12 + x5 + 1
(Addresses 03BD16, 03BC16)
(Address 03BE16)
Figure 1.19.1. Block diagram of CRC circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com