Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 183Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 184Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 185Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 186Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 187Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 188Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 189Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 190Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Programmable I/O Port
1-168
Figure 1.20.6. Direction register
Port Pi direction register (Note 1, 2)
Symbol
Address
When reset
PDi (i = 0 to 10, except 8)
03E216, 03E316, 03E616, 03E716, 03EA16
0016
03EB16, 03EE16, 03EF16, 03F316, 03F616
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PDi_0
Port Pi0 direction register
PDi_1
Port Pi1 direction register
PDi_2
Port Pi2 direction register
PDi_3
Port Pi3 direction register
PDi_4
Port Pi4 direction register
PDi_5
Port Pi5 direction register
PDi_6
Port Pi6 direction register
PDi_7
Port Pi7 direction register
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
(i = 0 to 10 except 8)
Port P8 direction register
Symbol
Address
When reset
PD8
03F216
00X000002
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PD8_0
Port P80 direction register
PD8_1
Port P81 direction register
PD8_2
Port P82 direction register
PD8_3
Port P83 direction register
PD8_4
Port P84 direction register
Nothing is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out to be
indeterminate.
PD8_6
Port P86 direction register
PD8_7
Port P87 direction register
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
Note 2: In memory expansion and microprocessor mode, the contents of
corresponding port Pi direction register of pins A0 to A19, D0 to D15,
CS0 to CS3, RD, WRL/WR, WRH/BHE, ALE, RDY, HOLD, HLDA and
BCLK cannot be modified.
Note 1: Set bit 2 of protect register (address 000A16) to “1” before rewriting to
the port P9 direction register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com