Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 213Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 214Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 215Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 216Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 217Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 218Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 219Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 220Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing (Vcc = 3V)
1-198
Read timing
Write timing
BCLK
CSi
ALE
RD
60ns.max
4ns.min
4ns.min
Hi–Z
DB
0ns.min
ADi
BHE
tcyc
80ns.min
BCLK
CSi
ALE
–4ns.min
60ns.max
0ns.min
4ns.min
Hi–Z
DB
4ns.min
ADi
BHE
tcyc
th(BCLK–ALE)
th(BCLK–DB)
td(BCLK–ALE)
td(BCLK–WR)
0ns.min
th(WR–AD)
Memory Expansion Mode and Microprocessor Mode
(With no wait)
WR,WRL,
WRH
td(BCLK–CS)
60ns.max
th(BCLK–CS)
th(RD–CS)
td(BCLK–AD)
60ns.max
th(BCLK–AD)
60ns.max
td(BCLK–ALE)
–4ns.min
th(RD–AD) 0ns.min
td(BCLK–RD)
th(BCLK–RD)
tac1(RD–DB)
th(RD–DB)
0ns.min
tSU(DB–RD)
td(BCLK–CS)
th(BCLK–CS)
4ns.min
60ns.max
0ns.min
th(WR–CS)
td(BCLK–AD)
60ns.max
th(BCLK–AD)
60ns.max
th(BCLK–ALE)
th(BCLK–WR)
td(BCLK–DB)
th(WR–DB)
td(DB–WR)
(tcyc/2–80)ns.min
0ns.min
80ns.max
0ns.min
VCC = 3V
Figure 1.23.10. VCC = 3V timing diagram (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com