Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 248Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 249Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 250Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 251Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 252Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 253Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 254Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 255Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 615 page
background image
Functions To Inhibit Rewriting Flash Memory Version (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-233
Symbol
Address
When reset
ROMCP
0FFFFF16
FF16
ROM code protect level
2 set bit (Note 1, 2)
00: Protect enabled
01: Protect enabled
10: Protect enabled
11: Protect disabled
ROM code protect control address
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
00: Protect removed
01: Protect set bit effective
10: Protect set bit effective
11: Protect set bit effective
00: Protect enabled
01: Protect enabled
10: Protect enabled
11: Protect disabled
ROM code protect reset
bit (Note 3)
ROM code protect level
1 set bit (Note 1)
ROMCP2
ROMCR
ROMCP1
b3 b2
b5 b4
b7 b6
Note 1: When ROM code protect is turned on, the on-chip flash memory is protected against
readout or modification in parallel input/output mode.
Note 2: When ROM code protect level 2 is turned on, ROM code readout by a shipment
inspection LSI tester, etc. also is inhibited.
Note 3: The ROM code protect reset bits can be used to turn off ROM code protect level 1 and
ROM code protect level 2. However, since these bits cannot be changed in parallel input/
output mode, they need to be rewritten in serial input/output or some other mode.
Reserved bit
Always set this bit to 1.
11
Functions To Inhibit Rewriting Flash Memory Version
To prevent the contents of the flash memory version from being read out or rewritten easily, the device
incorporates a ROM code protect function for use in parallel I/O mode and an ID code check function for
use in standard serial I/O mode.
ROM code protect function
The ROM code protect function is used to prohibit reading out or modifying the contents of the flash
memory during parallel I/O mode and is set by using the ROM code protect control address register
(0FFFFF16). Figure 1.27.1 shows the ROM code protect control address (0FFFFF16). (This address ex-
ists in the user ROM area.)
If one of the pair of ROM code protect bits is set to 0, ROM code protect is turned on, so that the contents
of the flash memory version are protected against readout and modification. ROM code protect is imple-
mented in two levels. If level 2 is selected, the flash memory is protected even against readout by a
shipment inspection LSI tester, etc. When an attempt is made to select both level 1 and level 2, level 2 is
selected by default.
If both of the two ROM code protect reset bits are set to “00,” ROM code protect is turned off, so that the
contents of the flash memory version can be read out or modified. Once ROM code protect is turned on,
the contents of the ROM code protect reset bits cannot be modified in parallel I/O mode. Use the serial I/
O or some other mode to rewrite the contents of the ROM code protect reset bits.
Figure 1.27.1. ROM code protect control address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com