Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 266Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 267Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 268Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 269Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 270Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 271Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 272Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 273Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 615 page
background image
Appendix Standard Serial I/O Mode 1 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-251
Data Protection (Block Lock)
Each of the blocks in Figure 1.29.19 have a nonvolatile lock bit that specifies protection (block lock)
against erasing/writing. A block is locked (writing “0” for the lock bit) with the lock bit program command.
Also, the lock bit of any block can be read with the read lock bit status command.
Block lock disable/enable is determined by the status of the lock bit itself and execution status of the lock
bit disable and lock enable bit commands.
(1) After the reset has been cancelled and the lock bit enable command executed, the specified block
can be locked/unlocked using the lock bit (lock bit data). Blocks with a “0” lock bit data are locked
and cannot be erased or written in. On the other hand, blocks with a “1” lock bit data are unlocked
and can be erased or written in.
(2) After the lock bit disable command has been executed, all blocks are unlocked regardless of lock bit
data status and can be erased or written in. In this case, lock bit data that was “0” (locked) before the
block was erased is set to “1” (unlocked) after erasing, therefore the block is actually unlocked with
the lock bit.
Figure 1.29.19. Blocks in the user area
0C000016
0D000016
Block 6 : 64K byte
Block 5 : 64K byte
0E000016
Block 4 : 64K byte
0F000016
Block 3 : 32K byte
0F800016
Block 2 : 8K byte
0FA00016
Block 1 : 8K byte
Block 0 : 16K byte
0FC00016
User ROM area
0FFFFF16
Flash memory
size
Flash memory
start address
256Kbytes
0C000016
128Kbytes
0E000016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com