Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 318Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 319Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 320Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 321Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 322Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 323Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 324Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 325Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Protect
2-5
Figure 2.1.2. Set-up procedure for protect function
(1) Clearing the protect (set to write-enabled state)
Protect register [Address 000A16]
PRCR
Enables writing to system clock control registers 0 and 1 (addresses 000616 and 000716
)
1 : Write-enabled
Enables writing to port P9 direction register (address 03F316) and SI/Oi control register
(i=3,4) (addresses 036216 and 036616)
0 : Write-inhibited
1 : Write-enabled
b7
b0
1
(3) Setting the protect (set to write-inhibited state)
Protect register [Address 000A16]
PRCR
Enables writing to system clock control registers 0 and 1 (addresses 000616 and 000716
)
0 : Write-inhibited
Enables writing to port P9 direction register (address 03F316) and SI/Oi control register
(i=3,4) (addresses 036216 and 036616)
0 : Write-inhibited
1 : Write-enabled
b7
b0
0
(4) Clearing the protect (set to write-enabled state)
Protect register [Address 000A16]
PRCR
Enables writing to system clock control registers 0 and 1 (addresses 000616 and 000716
)
0 : Write-inhibited
1 : Write-enabled
Enables writing to port P9 direction register (address 03F316) and SI/Oi control register (
i=3,4) (addresses 036216 and 036616)
1 : Write-enabled
b7
b0
1
Setting system clock control register i (i = 0, 1)
(2)
Changes in port P9 or changes in SI/Oi control register (i=3,4)
(5)
2.1.3 Precaution for Protect
(1) The write-enable bit of port 9 direction register and SI/Oi control register (i=3,4) goes to “0”
when the next write instruction is executed after write-enabled state is readied. Make
changes in input/output and SI/Oi control register (i=3,4) immediately after the instruction that
sets “1” in the write-enable bit of port P9 direction register and SI/Oi control register
(i=3,4)(avoid causing an interrupt). Also take measures to prevent DMA transfer from being
executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com