Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 335Page - Renesas Technology Corp H8/3003 Datasheet HTML 336Page - Renesas Technology Corp H8/3003 Datasheet HTML 337Page - Renesas Technology Corp H8/3003 Datasheet HTML 338Page - Renesas Technology Corp H8/3003 Datasheet HTML 339Page - Renesas Technology Corp H8/3003 Datasheet HTML 340Page - Renesas Technology Corp H8/3003 Datasheet HTML 341Page - Renesas Technology Corp H8/3003 Datasheet HTML 342Page - Renesas Technology Corp H8/3003 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 715 page
background image
10.4 Operation
10.4.1 Overview
A summary of operations in the various modes is given below.
Normal Operation: Each channel has a timer counter and general registers. The timer counter
counts up, and can operate as a free-running counter, periodic counter, or external event counter.
General registers A and B can be used for input capture or output compare.
Synchronous Operation: The timer counters in designated channels are preset synchronously.
Data written to the timer counter in any one of these channels is simultaneously written to the
timer counters in the other channels as well. The timer counters can also be cleared synchronously
if so designated by the CCLR1 and CCLR0 bits in the TCRs.
PWM Mode: A PWM waveform is output from the TIOCA pin. The output goes to 1 at compare
match A and to 0 at compare match B. The duty cycle can be varied from 0% to 100% depending
on the settings of GRA and GRB. When a channel is set to PWM mode, its GRA and GRB
automatically become output compare registers.
Reset-Synchronized PWM Mode: Channels 3 and 4 are paired for three-phase PWM output with
complementary waveforms. (The three phases are related by having a common transition point.)
When reset-synchronized PWM mode is selected GRA3, GRB3, GRA4, and GRB4 automatically
function as output compare registers, TIOCA3, TIOCB3, TIOCA4, TOCXA4, TIOCB4, and
TOCXB4 function as PWM output pins, and TCNT3 operates as an up-counter. TCNT4 operates
independently, and is not compared with GRA4 or GRB4.
Complementary PWM Mode: Channels 3 and 4 are paired for three-phase PWM output with
non-overlapping complementary waveforms. When complementary PWM mode is selected
GRA3, GRB3, GRA4, and GRB4 automatically function as output compare registers, and
TIOCA3, TIOCB3, TIOCA4, TOCXA4, TIOCB4, and TOCXB4 function as PWM output pins.
TCNT3 and TCNT4 operate as up/down-counters.
Phase Counting Mode: The phase relationship between two clock signals input at TCLKA and
TCLKB is detected and TCNT2 counts up or down accordingly. When phase counting mode is
selected TCLKA and TCLKB become clock input pins and TCNT2 operates as an up/down-
counter.
321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com