Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 337Page - Renesas Technology Corp H8/3003 Datasheet HTML 338Page - Renesas Technology Corp H8/3003 Datasheet HTML 339Page - Renesas Technology Corp H8/3003 Datasheet HTML 340Page - Renesas Technology Corp H8/3003 Datasheet HTML 341Page - Renesas Technology Corp H8/3003 Datasheet HTML 342Page - Renesas Technology Corp H8/3003 Datasheet HTML 343Page - Renesas Technology Corp H8/3003 Datasheet HTML 344Page - Renesas Technology Corp H8/3003 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 715 page
background image
Figure 10-14 Counter Setup Procedure (Example)
1.
Set bits TPSC2 to TPSC0 in TCR to select the counter clock source. If an external clock
source is selected, set bits CKEG1 and CKEG0 in TCR to select the desired edge(s) of the
external clock signal.
2.
For periodic counting, set CCLR1 and CCLR0 in TCR to have TCNT cleared at GRA
compare match or GRB compare match.
3.
Set TIOR to select the output compare function of GRA or GRB, whichever was selected in
step 2.
4.
Write the count period in GRA or GRB, whichever was selected in step 2.
5.
Set the STR bit to 1 in TSTR to start the timer counter.
Counter setup
Select counter clock
Type of counting?
Periodic counting
Select counter clear source
Select output compare
register function
Set period
Start counter
Free-running counting
Start counter
Periodic counter
Free-running counter
1
2
3
4
55
323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com