Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 336Page - Renesas Technology Corp H8/3003 Datasheet HTML 337Page - Renesas Technology Corp H8/3003 Datasheet HTML 338Page - Renesas Technology Corp H8/3003 Datasheet HTML 339Page - Renesas Technology Corp H8/3003 Datasheet HTML 340Page - Renesas Technology Corp H8/3003 Datasheet HTML 341Page - Renesas Technology Corp H8/3003 Datasheet HTML 342Page - Renesas Technology Corp H8/3003 Datasheet HTML 343Page - Renesas Technology Corp H8/3003 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 715 page
background image
Buffering
•
If the general register is an output compare register
When compare match occurs the buffer register value is transferred to the general register.
•
If the general register is an input capture register
When input capture occurs the TCNT value is transferred to the general register, and the
previous general register value is transferred to the buffer register.
•
Complementary PWM mode
The buffer register value is transferred to the general register when TCNT3 and TCNT4
change counting direction.
•
Reset-synchronized PWM mode
The buffer register value is transferred to the general register at GRA3 compare match.
10.4.2 Basic Functions
Counter Operation: When one of bits STR0 to STR4 is set to 1 in the timer start register
(TSTR), the timer counter (TCNT) in the corresponding channel starts counting. The counting can
be free-running or periodic.
•
Sample setup procedure for counter
Figure 10-14 shows a sample procedure for setting up a counter.
322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com