Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 342 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 338Page - Renesas Technology Corp H8/3003 Datasheet HTML 339Page - Renesas Technology Corp H8/3003 Datasheet HTML 340Page - Renesas Technology Corp H8/3003 Datasheet HTML 341Page - Renesas Technology Corp H8/3003 Datasheet HTML 342Page - Renesas Technology Corp H8/3003 Datasheet HTML 343Page - Renesas Technology Corp H8/3003 Datasheet HTML 344Page - Renesas Technology Corp H8/3003 Datasheet HTML 345Page - Renesas Technology Corp H8/3003 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 715 page
background image
•
Free-running and periodic counter operation
A reset leaves the counters (TCNTs) in ITU channels 0 to 4 all set as free-running counters. A
free-running counter starts counting up when the corresponding bit in TSTR is set to 1. When
the count overflows from H'FFFF to H'0000, the overflow flag (OVF) is set to 1 in the timer
status register (TSR). If the corresponding OVIE bit is set to 1 in the timer interrupt enable
register, a CPU interrupt is requested. After the overflow, the counter continues counting up
from H'0000. Figure 10-15 illustrates free-running counting.
Figure 10-15 Free-Running Counter Operation
When a channel is set to have its counter cleared by compare match, in that channel TCNT
operates as a periodic counter. Select the output compare function of GRA or GRB, set bit
CCLR1 or CCLR0 in the timer control register (TCR) to have the counter cleared by compare
match, and set the count period in GRA or GRB. After these settings, the counter starts
counting up as a periodic counter when the corresponding bit is set to 1 in TSTR. When the
count matches GRA or GRB, the IMFA or IMFB flag is set to 1 in TSR and the counter is
cleared to H'0000. If the corresponding IMIEA or IMIEB bit is set to 1 in TIER, a CPU
interrupt is requested at this time. After the compare match, TCNT continues counting up
from H'0000. Figure 10-16 illustrates periodic counting.
TCNT value
H'FFFF
H'0000
STR0 to
STR4 bit
OVF
Time
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com