Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 487 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 487 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 483Page - Renesas Technology Corp H8/3003 Datasheet HTML 484Page - Renesas Technology Corp H8/3003 Datasheet HTML 485Page - Renesas Technology Corp H8/3003 Datasheet HTML 486Page - Renesas Technology Corp H8/3003 Datasheet HTML 487Page - Renesas Technology Corp H8/3003 Datasheet HTML 488Page - Renesas Technology Corp H8/3003 Datasheet HTML 489Page - Renesas Technology Corp H8/3003 Datasheet HTML 490Page - Renesas Technology Corp H8/3003 Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 715 page
background image
Transmitting and Receiving Data
SCI Initialization (Synchronous Mode): Before transmitting or receiving, clear the TE and RE
bits to 0 in SCR, then initialize the SCI as follows.
When changing the communication mode or format, always clear the TE and RE bits to 0 before
following the procedure given below. Clearing the TE bit to 0 sets the TDRE flag to 1 and
initializes TSR. Clearing the RE bit to 0, however, does not initialize the RDRF, PER, FER, and
ORE flags and RDR, which retain their previous contents.
Figure 13-15 is a sample flowchart for initializing the SCI.
Figure 13-15 Sample Flowchart for SCI Initialization
Clear TE and RE
bits to 0 in SCR
1 bit interval
elapsed?
Start transmitting or receiving
No
Yes
1.
2.
3.
4.
Select the clock source in SCR. Clear the RIE, TIE, TEIE,
MPIE, TE, and RE bits to 0.
Select the communication format in SMR.
Write the value corresponding to the bit rate in BRR.
This step is not necessary when an external clock is used.
1
2
Set RIE, TIE, TEIE, MPIE,
CKE1, and CKE0 bits in SCR
(leaving TE and RE bits
cleared to 0)
3
Set TE or RE to 1 in SCR
Set RIE, TIE, TEIE, and
MPIE bits as necessary
4
Wait
Wait for at least the interval required to transmit or receive
one bit, then set the TE or RE bit to 1 in SCR. Also set
the RIE, TIE, TEIE, and MPIE bits as necessary.
Setting the TE or RE bit enables the SCI to use the
TxD or RxD pin.
Start of initialization
Set value in BRR
Select communication
format in SMR
469



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com