Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 488 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 484Page - Renesas Technology Corp H8/3003 Datasheet HTML 485Page - Renesas Technology Corp H8/3003 Datasheet HTML 486Page - Renesas Technology Corp H8/3003 Datasheet HTML 487Page - Renesas Technology Corp H8/3003 Datasheet HTML 488Page - Renesas Technology Corp H8/3003 Datasheet HTML 489Page - Renesas Technology Corp H8/3003 Datasheet HTML 490Page - Renesas Technology Corp H8/3003 Datasheet HTML 491Page - Renesas Technology Corp H8/3003 Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 715 page
background image
Transmitting Serial Data (Synchronous Mode): Figure 13-16 shows a sample flowchart for
transmitting serial data and indicates the procedure to follow.
Figure 13-16 Sample Flowchart for Serial Transmitting
Start transmitting
Read TDRE flag in SSR
TDRE = 1?
Write transmit data in
TDR and clear TDRE flag
to 0 in SSR
End
1
2
3
No
Yes
No
Yes
SCI initialization: the transmit data output function
of the TxD pin is selected automatically.
SCI status check and transmit data write: read SSR,
check that the TDRE flag is 1, then write transmit
data in TDR and clear the TDRE flag to 0.
Read TEND flag in SSR
No
Yes
1.
2.
3.
Initialize
Clear TE bit to 0 in SCR
To continue transmitting serial data: after checking
that the TDRE flag is 1, indicating that data can be
written, write data in TDR, then clear the TDRE flag
to 0. When the DMAC is activated by a transmit-
data-empty interrupt request (TXI) to write data in
TDR, the TDRE flag is checked and cleared
automatically.
All data
transmitted?
TEND = 1?
470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com