Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 492 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 488Page - Renesas Technology Corp H8/3003 Datasheet HTML 489Page - Renesas Technology Corp H8/3003 Datasheet HTML 490Page - Renesas Technology Corp H8/3003 Datasheet HTML 491Page - Renesas Technology Corp H8/3003 Datasheet HTML 492Page - Renesas Technology Corp H8/3003 Datasheet HTML 493Page - Renesas Technology Corp H8/3003 Datasheet HTML 494Page - Renesas Technology Corp H8/3003 Datasheet HTML 495Page - Renesas Technology Corp H8/3003 Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 715 page
background image
Figure 13-18 Sample Flowchart for Serial Receiving (2)
In receiving, the SCI operates as follows.
•
The SCI synchronizes with serial clock input or output and initializes internally.
•
Receive data is stored in RSR in order from LSB to MSB.
After receiving the data, the SCI checks that the RDRF flag is 0 so that receive data can be
transferred from RSR to RDR. If this check passes, the RDRF flag is set to 1 and the received
data is stored in RDR. If the check does not pass (receive error), the SCI operates as indicated
in table 13-11.
•
After setting the RDRF flag to 1, if the RIE bit is set to 1 in SCR, the SCI requests a receive-
data-full interrupt (RXI). If the ORER flag is set to 1 and the RIE bit in SCR is also set to 1,
the SCI requests a receive-error interrupt (ERI).
3
End
Error handling
Overrun error handling
Clear ORER flag to 0 in SSR
474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com