Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 485Page - Renesas Technology Corp H8/3003 Datasheet HTML 486Page - Renesas Technology Corp H8/3003 Datasheet HTML 487Page - Renesas Technology Corp H8/3003 Datasheet HTML 488Page - Renesas Technology Corp H8/3003 Datasheet HTML 489Page - Renesas Technology Corp H8/3003 Datasheet HTML 490Page - Renesas Technology Corp H8/3003 Datasheet HTML 491Page - Renesas Technology Corp H8/3003 Datasheet HTML 492Page - Renesas Technology Corp H8/3003 Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 715 page
background image
In transmitting serial data, the SCI operates as follows.
•
The SCI monitors the TDRE flag in SSR. When the TDRE flag is cleared to 0 the SCI
recognizes that TDR contains new data, and loads this data from TDR into TSR.
•
After loading the data from TDR into TSR, the SCI sets the TDRE flag to 1 and starts
transmitting. If the TIE bit is set to 1 in SCR, the SCI requests a transmit-data-empty interrupt
(TXI) at this time.
If clock output is selected, the SCI outputs eight serial clock pulses. If an external clock
source is selected, the SCI outputs data in synchronization with the input clock. Data is output
from the TxD pin in order from LSB (bit 0) to MSB (bit 7).
•
The SCI checks the TDRE flag when it outputs the MSB (bit 7). If the TDRE flag is 0, the
SCI loads data from TDR into TSR and begins serial transmission of the next frame. If the
TDRE flag is 1, the SCI sets the TEND flag to 1 in SSR, and after transmitting the MSB,
holds the TxD pin in the MSB state. If the TEIE bit in SCR is set to 1, a transmit-end
interrupt (TEI) is requested at this time.
•
After the end of serial transmission, the SCK pin is held in a constant state.
471



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com