Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 491 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 491 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 487Page - Renesas Technology Corp H8/3003 Datasheet HTML 488Page - Renesas Technology Corp H8/3003 Datasheet HTML 489Page - Renesas Technology Corp H8/3003 Datasheet HTML 490Page - Renesas Technology Corp H8/3003 Datasheet HTML 491Page - Renesas Technology Corp H8/3003 Datasheet HTML 492Page - Renesas Technology Corp H8/3003 Datasheet HTML 493Page - Renesas Technology Corp H8/3003 Datasheet HTML 494Page - Renesas Technology Corp H8/3003 Datasheet HTML 495Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 715 page
background image
Receiving Serial Data: Figure 13-18 shows a sample flowchart for receiving serial data and
indicates the procedure to follow. When switching from asynchronous mode to synchronous
mode, make sure that the ORER, PER, and FER flags are cleared to 0. If the FER or PER flag is
set to 1 the RDRF flag will not be set and both transmitting and receiving will be disabled.
Figure 13-18 Sample Flowchart for Serial Receiving (1)
Start receiving
Read RDRF flag in SSR
Read receive data
from RDR, and clear
RDRF flag to 0 in SSR
Read ORER flag in SSR
Clear RE bit to 0 in SCR
End
Error handling
1
4
5
No
Yes
Yes
No
Yes
3
1.
2., 3.
4.
5.
SCI initialization: the receive data function of
the RxD pin is selected automatically.
Receive error handling: if a receive error
occurs, read the ORER flag in SSR, then after
executing the necessary error handling, clear
the ORER flag to 0. Neither transmitting nor
receiving can resume while the ORER flag
remains set to 1.
SCI status check and receive data read: read
SSR, check that the RDRF flag is set to 1,
then read receive data from RDR and clear
the RDRF flag to 0. Notification that the RDRF
flag has changed from 0 to 1 can also be
given by the RXI interrupt.
To continue receiving serial data: check the
RDRF flag, read RDR, and clear the RDRF
flag to 0 before the MSB (bit 7) of the current
frame is received. If the DMAC is activated
by a receive-data-full interrupt request (RXI)
to read RDR, the RDRF flag is cleared
automatically.
Initialize
No
RDRF = 1?
ORER = 1?
Finished
receiving?
2
473



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com