Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 495 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 491Page - Renesas Technology Corp H8/3003 Datasheet HTML 492Page - Renesas Technology Corp H8/3003 Datasheet HTML 493Page - Renesas Technology Corp H8/3003 Datasheet HTML 494Page - Renesas Technology Corp H8/3003 Datasheet HTML 495Page - Renesas Technology Corp H8/3003 Datasheet HTML 496Page - Renesas Technology Corp H8/3003 Datasheet HTML 497Page - Renesas Technology Corp H8/3003 Datasheet HTML 498Page - Renesas Technology Corp H8/3003 Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 715 page
background image
13.4 SCI Interrupts
The SCI has four interrupt request sources: TEI (transmit-end interrupt), ERI (receive-error
interrupt), RXI (receive-data-full interrupt), and TXI (transmit-data-empty interrupt). Table 13-12
lists the interrupt sources and indicates their priority. These interrupts can be enabled and disabled
by the TIE, TEIE, and RIE bits in SCR. Each interrupt request is sent separately to the interrupt
controller.
The TXI interrupt is requested when the TDRE flag is set to 1 in SSR. The TEI interrupt is
requested when the TEND flag is set to 1 in SSR. The TXI interrupt request can activate the
DMAC to transfer data. Data transfer by the DMAC automatically clears the TDRE flag to 0. The
TEI interrupt request cannot activate the DMAC.
The RXI interrupt is requested when the RDRF flag is set to 1 in SSR. The ERI interrupt is
requested when the ORER, PER, or FER flag is set to 1 in SSR. The RXI interrupt request can
activate the DMAC to transfer data. Data transfer by the DMAC automatically clears the RDRF
flag to 0. The ERI interrupt request cannot activate the DMAC.
DMAC channels in group 0 can be activated by interrupts from SCI channel 0. DMAC channels in
group 1 can be activated by interrupts from SCI channel 1.
Table 13-12 SCI Interrupt Sources
Interrupt
Description
Priority
ERI
Receive error (ORER, FER, or PER)
High
RXI
Receive data register full (RDRF)
TXI
Transmit data register empty (TDRE)
TEI
Transmit end (TEND)
Low
477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com