Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 494 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 494 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 490Page - Renesas Technology Corp H8/3003 Datasheet HTML 491Page - Renesas Technology Corp H8/3003 Datasheet HTML 492Page - Renesas Technology Corp H8/3003 Datasheet HTML 493Page - Renesas Technology Corp H8/3003 Datasheet HTML 494Page - Renesas Technology Corp H8/3003 Datasheet HTML 495Page - Renesas Technology Corp H8/3003 Datasheet HTML 496Page - Renesas Technology Corp H8/3003 Datasheet HTML 497Page - Renesas Technology Corp H8/3003 Datasheet HTML 498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 715 page
background image
Figure 13-20 Sample Flowchart for Serial Transmitting
No
Yes
No
Yes
Yes
No
Yes
No
Initialize
Start transmitting and receiving
Read TDRE flag in SSR
TDRE = 1?
Write transmit data in TDR and
clear TDRE flag to 0 in SSR
RDRF = 1?
Read RDRF flag in SSR
Read receive data from RDR
and clear RDRF flag to 0 in SSR
Read ORER flag in SSR
ORER = 1?
End of transmitting and
receiving?
1
2
5
3
1.
2.
3.
4.
5.
SCI initialization: the transmit data
output function of the TxD pin and
receive data input function of the
RxD pin are selected, enabling
simultaneous transmitting and
receiving.
SCI status check and transmit
data write: read SSR, check that
the TDRE flag is 1, then write
transmit data in TDR and clear
the TDRE flag to 0.
Error handling
Note: * When switching from transmitting or receiving to simultaneous
transmitting and receiving, clear the TE and RE bits both to 0,
then set the TE and RE bits both to 1.
Clear TE and RE bits to 0 in SCR
End
Notification that the TDRE flag has
changed from 0 to 1 can also be
given by the TXI interrupt.
Receive error handling: if a receive
error occurs, read the ORER flag in
SSR, then after executing the neces-
sary error handling, clear the ORER
flag to 0.
Neither transmitting nor receiving
can resume while the ORER flag
remains set to 1.
SCI status check and receive
data read: read SSR, check that
the RDRF flag is 1, then read
receive data from RDR and clear
the RDRF flag to 0. Notification
that the RDRF flag has changed
from 0 to 1 can also be given
by the RXI interrupt.
To continue transmitting and
receiving serial data: check the
RDRF flag, read RDR, and clear
the RDRF flag to 0 before the
MSB (bit 7) of the current frame
is received. Also check that the
TDRE flag is (bit 7) of the current
frame is received. Also check that
the TDRE flag is set to 1, indicat-
ing that data can be written, write
data in TDR, then clear the TDRE
flag to 0 before the MSB (bit 7) of
the current frame is transmitted.
When the DMAC is activated by
a transmit-data-empty interrupt
request (TXI) to write data in TDR,
the TDRE flag is checked and
cleared automatically. When the
DMAC is activated by a receive-
data-full interrupt request (RXI) to
read RDR, the RDRF flag is
cleared automatically.
4
476



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com