Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 492Page - Renesas Technology Corp H8/3003 Datasheet HTML 493Page - Renesas Technology Corp H8/3003 Datasheet HTML 494Page - Renesas Technology Corp H8/3003 Datasheet HTML 495Page - Renesas Technology Corp H8/3003 Datasheet HTML 496Page - Renesas Technology Corp H8/3003 Datasheet HTML 497Page - Renesas Technology Corp H8/3003 Datasheet HTML 498Page - Renesas Technology Corp H8/3003 Datasheet HTML 499Page - Renesas Technology Corp H8/3003 Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 715 page
background image
13.5 Usage Notes
Note the following points when using the SCI.
TDR Write and TDRE Flag: The TDRE flag in SSR is a status flag indicating the loading of
transmit data from TDR into TSR. The SCI sets the TDRE flag to 1 when it transfers data from
TDR to TSR.
Data can be written into TDR regardless of the state of the TDRE flag. If new data is written in
TDR when the TDRE flag is 0, the old data stored in TDR will be lost because this data has not
yet been transferred to TSR. Before writing transmit data in TDR, be sure to check that the TDRE
flag is set to 1.
Simultaneous Multiple Receive Errors: Table 13-13 indicates the state of SSR status flags when
multiple receive errors occur simultaneously. When an overrun error occurs the RSR contents are
not transferred to RDR, so receive data is lost.
Table 13-13 SSR Status Flags and Transfer of Receive Data
Receive Data
Transfer
RDRF
ORER
FER
PER
RSR
→ RDR
Receive Errors
1100
×
Overrun error
0010
Framing error
0001
Parity error
1110
×
Overrun error + framing error
1101
×
Overrun error + parity error
0011
Framing error + parity error
1111
×
Overrun error + framing error + parity error
Notes:
: Receive data is transferred from RSR to RDR.
× Receive data is not transferred from RSR to RDR.
SSR Status Flags
478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com