Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 97Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 98Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 99Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 100Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 101Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 102Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 103Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 104Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 387 page
background image
1-83
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 81 CPU rewrite mode set/release flowchart
Figure 81 shows a flowchart for setting/releasing CPU rewrite
mode.
Fig. 80 Structure of flash memory control register 2
Table 14 State of E/W inhibition function
All user block E/W
enable bit
0
0
1
1
8 KB user block E/W
enable bit
0
1
0
1
8 KB ✕ 2 block
Addresses C00016 to FFFF16
E/W disabled
E/W disabled
E/W disabled
E/W enabled
16 KB + 24 KB block
Addresses 200016 to BFFF16
E/W disabled
E/W disabled
E/W enabled
E/W enabled
Data block
Addresses 100016 to 1FFF16
E/W enabled
E/W enabled
E/W enabled
E/W enabled
Notes 1: For this bit to be set to “1”, the user needs to write a “0” and then a
“1” to it in succession. For this bit to be set to “0”, write “0” only to
this bit.
2: Effective only when the CPU rewrite mode select bit = “1”.
b7
b0
Not used
Not used (do not write “1” to this bit.)
All user block E/W enable bit (Notes 1, 2)
0 :
E/W disabled
1 :
E/W enabled
Flash memory control register 2
(FMCR2: address : 0FE216: initial value: 4516)
Not used
Not used
End
Start
Execute read array command (Note 2)
Single-chip mode or Boot mode
Set CPU mode register (Note 1)
Using software command executes erase,
program, or other operation
Jump to control program transferred to internal
RAM
(Subsequent operations are executed by control
program in this RAM)
Transfer CPU rewrite mode control program to
internal RAM
Notes 1: Set the main clock as follows depending on the clock division ratio selection bits of CPU
mode register (bits 6, 7 of address 003B16).
2: Before exiting the CPU rewrite mode after completing erase or program operation, always
be sure to execute the read array command.
Write “0” to CPU rewrite mode select bit
Set CPU rewrite mode select bit to “1” (by
writing “0” and then “1” in succession)
Set all user block E/W enable bit to “1”
(by writing “0” and then “1” in succession)
Set 8 KB user block E/W enable bit
(At E/W disabled; writing “0”, at E/W enabled;
writing “0” and then “1” in succession)
Set all user block E/W enable bit to “0”
Set 8 KB user block E/W enable bit to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com