Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 101Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 102Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 103Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 104Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 105Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 106Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 107Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 108Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 387 page
background image
1-87
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Table 16 Definition of each bit in status register
q Status Register
The status register shows the operating status of the flash
memory and whether erase operations and programs ended suc-
cessfully or in error. It can be read in the following ways:
(1) By reading an arbitrary address from the User ROM area after
writing the read status register command (7016)
(2) By reading an arbitrary address from the User ROM area in the
period from when the program starts or erase operation starts
to when the read array command (FF16) is input.
Also, the status register can be cleared by writing the clear status
register command (5016).
After reset, the status register is set to “8016”.
Table 16 shows the status register. Each bit in this register is ex-
plained below.
•Sequencer status (SR7)
The sequencer status indicates the operating status of the flash
memory. This bit is set to “0” (busy) during write or erase operation
and is set to “1” when these operations ends.
After power-on, the sequencer status is set to “1” (ready).
•Erase status (SR5)
The erase status indicates the operating status of erase operation.
If an erase error occurs, it is set to “1”. When the erase status is
cleared, it is reset to “0”.
•Program status (SR4)
The program status indicates the operating status of write opera-
tion. When a write error occurs, it is set to “1”.
The program status is reset to “0” when it is cleared.
If “1” is written for any of the SR5 and SR4 bits, the read array,
program, and block erase commands are not accepted. Before ex-
ecuting these commands, execute the clear status register
command (5016) and clear the status register.
Also, if any commands are not correct, both SR5 and SR4 are set
to “1”.
Each bit of
SRD bits
SR7 (bit7)
SR6 (bit6)
SR5 (bit5)
SR4 (bit4)
SR3 (bit3)
SR2 (bit2)
SR1 (bit1)
SR0 (bit0)
Sequencer status
Reserved
Erase status
Program status
Reserved
Reserved
Reserved
Reserved
Status name
“1”
Ready
-
Terminated in error
Terminated in error
-
-
-
-
“0”
Busy
-
Terminated normally
Terminated normally
-
-
-
-
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com