Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 98Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 99Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 100Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 101Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 102Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 103Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 104Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 105Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 387 page
background image
1-84
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
s Notes on CPU Rewrite Mode
Take the notes described below when rewriting the flash memory
in CPU rewrite mode.
qOperation speed
During CPU rewrite mode, set the system clock
φ to 4.0 MHz or
less using the clock division ratio selection bits (bits 6 and 7 of ad-
dress 003B16).
qInstructions inhibited against use
The instructions which refer to the internal data of the flash
memory cannot be used during CPU rewrite mode.
qInterrupts
The interrupts cannot be used during CPU rewrite mode because
they refer to the internal data of the flash memory.
qWatchdog timer
If the watchdog timer has been already activated, internal reset
due to an underflow will not occur because the watchdog timer is
surely cleared during program or erase.
qReset
Reset is always valid. The MCU is activated using the boot mode
at release of reset in the condition of CNVss = “H”, so that the pro-
gram will begin at the address which is stored in addresses
FFFC16 and FFFD16 of the boot ROM area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com