Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38046FEHKP Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # M38046FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38046FEHKP Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button M38046FEHKP Datasheet HTML 100Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 101Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 102Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 103Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 104Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 105Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 106Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 107Page - Renesas Technology Corp M38046FEHKP Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 387 page
background image
1-86
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
• Block Erase Command (2016/D016)
By writing the command code “2016” in the first bus cycle and the
confirmation command code “D016” and the block address in the
second bus cycle that follows, the block erase (erase and erase
verify) operation starts for the block address of the flash memory
to be specified.
Whether the block erase operation is completed can be confirmed
by read status register or the RY/BY status flag of flash memory
control register. At the same time the block erase operation starts,
the read status register mode is automatically entered, so that the
contents of the status register can be read out. The status register
bit 7 (SR7) is set to “0” at the same time the block erase operation
starts and is returned to “1” upon completion of the block erase
operation. In this case, the read status register mode remains ac-
tive until the read array command (FF16) is written.
The RY/BY status flag is “0” during block erase operation and “1”
when the block erase operation is completed as is the status reg-
ister bit 7.
After the block erase ends, erase results can be checked by read-
ing the status register. For details, refer to the section where the
status register is detailed.
Fig. 83 Erase flowchart
Write “2016”
“D016”
Block address
Erase completed
(write read command
“FF16”)
NO
YES
Start
Write
SR5 = “0” ?
Erase error
YES
NO
SR7 = “1”?
or
RY/BY = “1”?
Read status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com