Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 200Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 201Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 202Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 203Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 204Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 205Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 206Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 207Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 387 page
background image
2-80
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.4.43 Control procedure of receiving side
(Address : 001A16)
(Address : 001B16)
(Address : 001C16)
(Address : 000916)
RESET
• Judgment of completion of receiving
(Receive buffer full flag)
SIO1STS (Address : 001916), bit1?
1
0
Read out a reception data
from RB1 (Address : 001816)
SIO1STS (Address : 001916), bit6?
0
1
Initialization
SIO1CON
UART1CON
BRG1
P4D
1010X0012
000010002
8–1
XXXXXXX02
SIO1STS (Address : 001916), bit1?
1
0
• Judgment of an error flag
SIO1STS (Address : 001916), bit6?
0
1
P4 (Address : 000816), bit0?
0
1
SIO1CON (Address : 001A16)
SIO1CON (Address : 001A16)
0000X0012
1010X0012
Processing for error
Read out a reception data
from RB1 (Address : 001816)
• Reception of the first byte data
Receive buffer full flag is set
to “0” by reading data.
• Judgment of completion of
receiving
(Receive buffer full flag)
• Reception of the second byte data
Receive buffer full flag is set
to “0” by reading data.
• Judgment of an error flag
• Countermeasure for a bit slippage
q
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com