Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 201Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 202Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 203Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 204Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 205Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 206Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 207Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 208Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 387 page
background image
2-81
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.4.8 Notes on serial interface
(1)
Notes when selecting clock synchronous serial I/O
➀ Stop of transmission operation
As for serial I/Oi (i = 1, 3) that can be used as either a clock synchronous or an asynchronous
(UART) serial I/O, clear the serial I/Oi enable bit and the transmit enable bit to “0” (serial I/Oi and
transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is not initialized even if only the
serial I/Oi enable bit is cleared to “0” (serial I/Oi disabled), the internal transmission is running (in
this case, since pins TxDi, RxDi, SCLKi, and SRDYi function as I/O ports, the transmission data is
not output). When data is written to the transmit buffer register in this state, data starts to be
shifted to the transmit shift register. When the serial I/Oi enable bit is set to “1” at this time, the
data during internally shifting is output to the TxDi pin and an operation failure occurs.
➁ Stop of receive operation
As for serial I/Oi (i = 1, 3) that can be used as either a clock synchronous or an asynchronous
(UART) serial I/O, clear the receive enable bit to “0” (receive disabled), or clear the serial I/Oi
enable bit to “0” (serial I/Oi disabled).
➂ Stop of transmit/receive operation
As for serial I/Oi (i = 1, 3) that can be used as either a clock synchronous or an asynchronous
(UART) serial I/O, clear both the transmit enable bit and receive enable bit to “0” simultaneously
(transmit and receive disabled) in the clock synchronous serial I/O mode.
(When data is transmitted and received in the clock synchronous serial I/O mode, any one of data
transmission and reception cannot be stopped.)
q Reason
In the clock synchronous serial I/O mode, the same clock is used for transmission and reception.
If any one of transmission and reception is disabled, a bit error occurs because transmission and
reception cannot be synchronized.
In this mode, the clock circuit of the transmission circuit also operates for data reception. Accordingly,
the transmission circuit does not stop by clearing only the transmit enable bit to “0” (transmit
disabled). Also, the transmission circuit is not initialized by clearing the serial I/Oi enable bit to “0”
(serial I/Oi disabled) (refer to ➀ in (1) ).
(2)
Notes when selecting clock asynchronous serial I/O
➀ Stop of transmission operation
Clear the transmit enable bit to “0” (transmit disabled). Transmission operation does not stop by
setting the serial I/Oi enable bit (i = 1, 3) to “0”.
q Reason
This is the same as ➀ in (1).
➁ Stop of receive operation
Clear the receive enable bit to “0” (receive disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com