Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 202Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 203Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 204Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 205Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 206Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 207Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 208Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 209Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 387 page
background image
2-82
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
➂ Stop of transmit/receive operation
Only transmission operation is stopped.
Clear the transmit enable bit to “0” (transmit disabled). Transmission operation does not stop by
setting the serial I/Oi enable bit (i = 1, 3) to “0”.
q Reason
This is the same as ➀ in (1).
Only receive operation is stopped.
Clear the receive enable bit to “0” (receive disabled).
(3)
SRDYi (i = 1, 3) output of reception side
When signals are output from the SRDYi pin on the reception side by using an external clock in the
clock synchronous serial I/O mode, set all of the receive enable bit, the SRDYi output enable bit, and
the transmit enable bit to “1” (transmit enabled).
(4)
Setting serial I/Oi (i = 1, 3) control register again
Set the serial I/Oi control register again after the transmission and the reception circuits are reset
by clearing both the transmit enable bit and the receive enable bit to “0.”
Fig. 2.4.44 Sequence of setting serial I/Oi (i = 1, 3) control register again
(5)
Data transmission control with referring to transmit shift register completion flag
After the transmit data is written to the transmit buffer register, the transmit shift register completion
flag changes from “1” to “0” with a delay of 0.5 to 1.5 shift clocks. When data transmission is
controlled with referring to the flag after writing the data to the transmit buffer register, note the
delay.
(6)
Transmission control when external clock is selected
When an external clock is used as the synchronous clock for data transmission, set the transmit
enable bit to “1” at “H” of the SCLKi (i = 1, 3) input level. Also, write the transmit data to the transmit
buffer register at “H” of the SCLKi input level.
Clear both the transmit enable
bit (TE) and the receive enable
bit (RE) to “0”
↓
Set the bits 0 to 3 and bit 6 of the
serial I/Oi control register
↓
Set both the transmit enable bit
(TE) and the receive enable bit
(RE), or one of them to “1”
Can be set with the
LDM instruction at
the same time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com