Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 208Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 209Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 210Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 211Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 212Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 213Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 214Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 215Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 387 page
background image
2-88
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
I2C control register
b7 b6 b5 b4 b3 b2 b1 b0
I2C control register
(S1D: address 001416)
b
0
Name
0
Functions
At reset R W
0
0
1
2
0
3 I
2C-BUS interface
enable bit (ES0)
4
0
Data format
selection bit (ALS)
0: Addressing format
1: Free data format
0: 7-bit addressing format
1: 10-bit addressing format
5
0
Addressing format
selection bit
(10BIT SAD)
7
6
0
I2C-BUS interface pin
input level selection
bit (TISS)
0: Disabled
1: Enabled
0 0 0: 8
0 0 1: 7
0 1 0: 6
0 1 1: 5
1 0 0: 4
1 0 1: 3
1 1 0: 2
1 1 1: 1
0: SMBUS input
1: CMOS input
b2b1b0
Bit counter
(Number of
transmit/receive
bits)
(BC0, BC1, BC2)
0
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are 0 .
Note: Do not use the read-modify-write instruction because some bits
change by hardware when the start condition is detected and
the byte-transfer is completed.
✕
Fig. 2.5.6 Structure of I2C control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com