Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38047FEHKP Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # M38047FEHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047FEHKP Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button M38047FEHKP Datasheet HTML 210Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 211Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 212Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 213Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 214Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 215Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 216Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 217Page - Renesas Technology Corp M38047FEHKP Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 387 page
background image
2-90
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.5.8 Structure of I2C START/STOP condition control register
I2C special mode control register
b7 b6 b5 b4 b3 b2 b1 b0
I2C special mode control register
(S3D: address 001716)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
0
0: At communication
completion
1: At falling of ACK clock and
communication completion
ACK interrupt control
bit (ACKICON)
0: One-byte slave address
compare mode
1: Three-byte slave address
compare mode
Slave address
control bit (MSLAD)
Writing 1 to this bit initializes
the SCL pin low hold 2 flag
to 1 . (Notes 1, 2)
SCL pin low hold 2
flag set bit (PIN2IN)
Writing 1 to this bit clears
the SCL pin low hold 2 flag to
0 and holds the SCL pin low.
(Notes 1, 2)
SCL pin low hold
set bit (PIN2HD)
STOP condition flag
clear bit (SPFCL)
Writing 1 to this bit initializes
the STOP condition flag to
0. (Note 1)
Notes 1: When 0 is written to these bits, nothing is happened.
2: Do not write 1 to these bits at the same time.
✕
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are 0 .
Fix this bit to 0 .
0
0
Fix this bit to 0 .
Fig. 2.5.9 Structure of I2C special mode control register
I2C START/STOP condition control register
b7 b6 b5 b4 b3 b2 b1 b0
I2C START/STOP condition control register
(S2D: address 001616)
b
0
Name
0
Functions
At reset R W
1
0
1
1
1
2
3
4
0
0: Falling edge active
1: Rising edge active
SCL release time
=
φ (µs) ✕ (SSC+1)
Setup time
=
φ (µs) ✕ (SSC+1)/2
Hold time
=
φ (µs) ✕ (SSC+1)/2
0: SDA valid
1: SCL valid
5
0
SCL/SDA interrupt
pin polarity selection
bit (SIP)
7
6
0
Fix this bit to 0 .
START/STOP
condition set bits
(SSC0, SSC1,
SSC2, SSC3,
SSC4)
SCL/SDA interrupt
pin selection bit
(SIS)
Note: Fix SSC0 to 0 . Also, do not set SSC4 to SSC0 to odd values or 000002 .
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com